Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
8
PT7C43390/43390C
Real-time Clock Module
Functional Description
1. Overview of Functions
1.1. Clock function
CPU can read or write data including the year (last two digits), month, date, day, hour, minute, and second. Any (two-digit) year
that is a multiple of 4 is treated as a leap year and calculated automatically as such until the year 2099.
1.2. Alarm function
This device has two alarm system (Alarm 1 and Alarm 2) that outputs interrupt signals from INT1 pin or INT2 pin to CPU when
the date, day of the week, hour, minute or second correspond to the setting. Each of them may output interrupt signal separately at
a specified time. The alarm may be selectable between on and off for matching alarm or repeating alarm.
1.3. Programmable square wave output
For PT7C43390, square wave output at pin 1or pin 5. Six frequencies are selectable: 1, 2, 4, 8, 16, 32768 Hz.
1.4. Interface with CPU
PT7C43390: I
2C bus interface.
1.5. Calibration function
With the calibration bits properly set, the accuracy can be improved to better than ±2 ppm at 25°C.
2. Configuration of Data Communication
2.1. Data Communication
For data communication, the master device in the system generates a start condition for the IC. Next, the master devices transmits
4-bit device code “0110”, 3-bit command and 1-bit read / write command to the SDA line. After that, output or input is performed
from B7 of data. If data I/O has been completed, finish communication by inputting a stop condition to the IC. The master device
generates an acknowledgment signal for every 1-byte. Regarding details refer to "I
2C-bus Serial Interface".
0
Device Code
Command
1
1
0
C2
C1
C0
R/W
B7
B6
B5
B4
B3
B2
B1
B0
1-byte data
Read/Write bit
STA
Start condition
ACK
Acknowledgment bit
ACK
Stop condition
STP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com