Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16445/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADIS16445
Rev. F | Page 3 of 22
SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, angular rate = 0°/sec, dynamic range = ±250°/sec ± 1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±250
°/sec
Initial Sensitivity
±250°/sec, see Table 12
0.01
°/sec/LSB
±125°/sec
0.005
°/sec/LSB
±62°/sec
0.0025
°/sec/LSB
Repeatability1
−40°C ≤ TA ≤ +85°C
1
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±40
ppm/°C
Misalignment
Axis to axis
±0.05
Degrees
Axis to frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
±0.1
% of FS
Bias Repeatability1, 2
−40°C ≤ TA ≤ +85°C, 1 σ
0.5
°/sec
In-Run Bias Stability
1 σ, SMPL_PRD = 0x0001
12
°/hr
Angular Random Walk
1 σ, SMPL_PRD = 0x0001
0.56
°/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±0.005
°/sec/°C
Linear Acceleration Effect on Bias
Any axis, 1 σ
±0.015
°/sec/g
Bias Supply Sensitivity
+3.15 V ≤ VDD ≤ +3.45 V
±0.2
°/sec/V
Output Noise
±250°/sec range, no filtering
0.22
°/sec rms
Rate Noise Density
f = 25 Hz, ±250°/sec range, no filtering
0.011
°/sec/√Hz rms
−3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
17.5
kHz
ACCELEROMETERS
Each axis
Dynamic Range
±5
g
Initial Sensitivity
See Table 16 for data format
0.2475
0.25
0.2525
mg/LSB
Repeatability1
−40°C ≤ TA ≤ +85°C
1
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±40
ppm/°C
Misalignment
Axis to axis
±0.2
Degrees
Axis to frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
±0.2
% of FS
Bias Repeatability1, 2
−40°C ≤ TA ≤ +85°C, 1 σ
±8
mg
In-Run Bias Stability
1 σ, SMPL_PRD = 0x0001
0.075
mg
Velocity Random Walk
1 σ, SMPL_PRD = 0x0001
0.073
m/sec/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±0.04
mg/°C
Bias Supply Sensitivity
+3.15 V ≤ VDD ≤ +3.45 V
1.5
mg/V
Output Noise
No filtering
2.25
mg rms
Noise Density
No filtering
0.105
mg/√Hz rms
−3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz
TEMPERATURE
Sensitivity
See Table 17
0.07386
°C/LSB
LOGIC INPUTS3
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Logic 1 Input Current, IIH
VIH = 3.3 V
±0.2
±10
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
40
60
µA
RST Pin
1
mA
Input Capacitance, CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com