Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADIS16445
Rev. F | Page 11 of 22
Burst Read Function
The burst read function provides a way to read all of the data in
one continuous stream of bits, with no stall time. As shown in
Figure 13, start this mode by setting DIN = 0x3E00 while keeping
CS low for eight additional 16-bit read cycles. These eight cycles
produce the following sequence of output registers on DOUT:
DIAG_STAT, XGYRO_OUT, YGYRO_OUT, ZGYRO_OUT,
XACCL_OUT, YACCL_OUT, ZACCL_OUT, and TEMP_OUT.
GLOB_CMD
CS
SCLK
DIN
DOUT
XGYRO_OUT
DIAG_STAT
TEMP_OUT
1
2
3
9
Figure 13. Burst Read Sequence
SPI Read Test Sequence
Figure 14 provides a test pattern for testing the SPI communica-
tion. In this pattern, write 0x5600 to the DIN line in a repeating
pattern and raise chip select for at least 9 µs between each 16-bit
sequence. Starting with the second 16-bit sequence, DOUT
produces the contents of the PROD_ID register, 0x403D (see
Table 22).
DOUT = 0100 0000 0011 1101 = 0x403D = 16,445
DIN = 0101 0110 0000 0000 = 0x5600
SCLK
CS
DIN
DOUT
Figure 14. SPI Test Read Pattern DIN = 0x5600, DOUT = 0x403D
DEVICE CONFIGURATION
The control registers in Table 6 provide users with a variety of
configuration options. The SPI provides access to these registers,
one byte at a time, using the bit assignments in Figure 12. Each
register has 16 bits, where Bits[7:0] represent the lower address,
and Bits[15:8] represent the upper address. Figure 15 provides
an example of writing 0x04 to Address 0x37 (SMPL_PRD[15:8],
using DIN = 0xB704). This example reduces the sample rate by
a factor of eight (see Table 28).
SCLK
CS
DIN
DIN = 1011 0111 0000 0100 = 0xB704, WRITES 0x04 TO ADDRESS 0x37.
Figure 15. Example SPI Write Sequence
Dual Memory Structure
Writing configuration data to a control register updates its SRAM
contents, which are volatile. After optimizing each relevant control
register setting in a system, set GLOB_CMD[3] = 1 (DIN =
0xBE08) to back up these settings in nonvolatile flash memory.
The flash backup process requires a valid power supply level for
the entire process time, 75 ms. Table 6 provides a user register
memory map that includes a flash backup column. A Yes in this
column indicates that a register has a mirror location in flash
and, when backed up properly, it automatically restores itself
during startup or after a reset. Figure 16 provides a diagram of
the dual memory structure used to manage operation and store
critical user settings.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS
Figure 16. SRAM and Flash Memory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com