Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16445/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADIS16445
Data Sheet
Rev. F | Page 4 of 22
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL OUTPUTS3
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance4
10,000
Cycles
Data Retention5
TJ = 85°C
20
Years
FUNCTIONAL TIMES6
Time until new data is available
Power-On Start-Up Time
175
ms
Reset Recovery Time7
55
ms
Flash Memory Back-Up Time
55
ms
Flash Memory Test Time
20
ms
Automatic Self-Test Time
SMPL_PRD = 0x0001
16
ms
CONVERSION RATE
xGYRO_OUT, xACCL_OUT
SMPL_PRD = 0x0001
819.2
SPS
Clock Accuracy
±3
%
Sync Input Clock8
0.8
1.1
kHz
POWER SUPPLY
Operating voltage range, VDD
3.15
3.3
3.45
V
Power Supply Current
VDD = 3.15 V
74
mA
1
The repeatability specifications represent analytical projections, which are based off of the following drift contributions and conditions: temperature hysteresis (−40°C
to +85°C), electronics drift (high-temperature operating life test: 85°C, 500 hours), drift from temperature cycling (JESD22, Method A104-C, Method N, 500 cycles,
−40°C to +85°C), rate random walk (10 year projection), and broadband noise.
2
Bias repeatability describes a long-term behavior, over a variety of conditions. Short-term repeatability is related to the in-run bias stability and noise density specifications.
3
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
4
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
5
The data retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction
temperature.
6
These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.
7
The RST line must be held low for at least 10 μs to assure a proper reset and recovery sequence.
8
The sync input clock functions below the specified minimum value but at reduced performance levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com