Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADIS16445
Rev. F | Page 17 of 22
DIGITAL PROCESSING CONFIGURATION
GYROSCOPES/ACCELEROMETERS
Figure 19 provides a diagram that describes all signal processing
components for the gyroscopes and accelerometers. The internal
sampling system produces new data in the xGYRO_OUT and
xACCL_OUT output data registers at a rate of 819.2 SPS. The
SMPL_PRD register in Table 28 provides two functional controls
that affect sampling and register update rates. SMPL_PRD[12:8]
provides a control for reducing the update rate, using an averaging
filter with a decimated output. These bits provide a binomial
control that divides the data rate by a factor of 2 every time this
number increases by 1. For example, set SMPL_PRD[15:8] =
0x04 (DIN = 0xB704) to set the decimation factor to 16. This
reduces the update rate to 51.2 SPS and the bandwidth to
~25 Hz. The SMPL_PRD[12:8] setting affects the update rate
for the TEMP_OUT register (see Table 17) as well.
Table 28. SMPL_PRD (Base Address = 0x36), Read/Write
Bits
Description (Default = 0x0001)
[15:13]
Not used
[12:8]
D, decimation rate setting, binomial, see Figure 19
[7:1]
Not used
0
Clock
1 = internal sampling clock, 819.2 SPS
0 = external sampling clock
INPUT CLOCK CONFIGURATION
SMPL_PRD[0] (see Table 28) provides a control for synchroniz-
ing the internal sampling to an external clock source. Set
SMPL_PRD[0] = 0 (DIN = 0xB600) and GPIO_CTRL[3] = 0
(DIN = 0xB200) to enable the external clock. See Table 2 and
Figure 4 for timing information.
Digital Filtering
The SENS_AVG register in Table 29 provides user controls for
the low-pass filter. This filter contains two cascaded averaging
filters that provide a Bartlett window, FIR filter response (see
Figure 19). For example, set SENS_AVG[2:0] = 100 (DIN = 0xB804)
to set each stage to 16 taps. When used with the default sample
rate of 819.2 SPS and zero decimation (SMPL_PRD[15:8] = 0x00),
this value reduces the sensor bandwidth to approximately 16 Hz.
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 2
N = 4
N = 16
N = 64
Figure 18. Bartlett Window, FIR Filter Frequency Response
(Phase Delay = N Samples)
Dynamic Range
The SENS_AVG[10:8] bits provide three dynamic range
settings for the gyroscopes. The lower dynamic range settings
(±62.5°/sec and ±125°/sec) limit the minimum filter tap sizes
to maintain resolution. For example, set SENS_AVG[10:8] =
010 (DIN = 0xB902) for a measurement range of ±125°/sec.
Because this setting can influence the filter settings, program
SENS_AVG[10:8] before programming SENS_AVG[2:0] if more
filtering is required.
Table 29. SENS_AVG (Base Address = 0x38), Read/Write
Bits
Description (Default = 0x0402)
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100 = ±250°/sec (default condition)
010 = ±125°/sec, filter taps ≥ 4 (Bits[2:0] ≥ 0x02)
001 = ±62.5°/sec, filter taps ≥ 16 (Bits[2:0] ≥ 0x04)
[7:3]
Not used
[2:0]
Filter Size Variable B
Number of taps in each stage; NB = 2B
See Figure 18 for filter response
MEMS
SENSOR
LOW-PASS
FILTER
330Hz
CLOCK
819.2SPS
ADC
BARTLETT WINDOW
FIR FILTER
AVERAGE/
DECIMATION
FILTER
EXTERNAL CLOCK ENABLED
BY SMPL_PRD[0] = 0
GYROSCOPES
LOW-PASS, TWO-POLE (404Hz, 757Hz)
ACCELEROMETERS
LOW-PASS, SINGLE-POLE (330Hz)
B = SENS_AVG[2:0]
NB = 2B
NB = NUMBER OF TAPS
(PER STAGE)
D = SMPL_PRD[12:8]
ND = 2D
ND = NUMBER OF TAPS
÷ND
x(n)
n = 1
1
NB
NB
x(n)
n = 1
1
NB
NB
x(n)
n = 1
1
ND
ND
Figure 19. Sampling and Frequency Response Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com