Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADIS16445
Data Sheet
Rev. F | Page 12 of 22
OUTPUT DATA REGISTERS
Each sensor in the ADIS16445 has a dedicated output register
in the user register map (see Table 6). Figure 17 provides ar-
rows, which describe the direction or rotation (gX, gY, gZ) and
acceleration (aX, aY, aZ) that produces a positive response in the
output data.
GYROSCOPES
XGYRO_OUT (see Table 9) contains x-axis gyroscope data (gX
in Figure 17), YGYRO_OUT (see Table 10) contains y-axis gyro-
scope data (gY in Figure 17), and ZGYRO_OUT (see Table 11)
contains z-axis gyroscope data (gZ in Figure 17). Table 12 illus-
trates the gyroscope data format with numerical examples.
Table 9. XGYRO_OUT (Base Address = 0x04), Read Only
Bits
Description
[15:0]
X-axis gyroscope data, twos complement format,
100 LSB/°/sec (SENS_AVG[15:8] = 0x04), 0°/sec = 0x0000
Table 10. YGYRO_OUT (Base Address = 0x06), Read Only
Bits
Description
[15:0]
Y-axis gyroscope data, twos complement format,
100 LSB/°/sec (SENS_AVG[15:8] = 0x04), 0°/sec = 0x0000
Table 11. ZGYRO_OUT (Base Address = 0x08), Read Only
Bits
Description
[15:0]
Z-axis gyroscope data, twos complement format,
100 LSB/°/sec (SENS_AVG[15:8] = 0x04), 0°/sec = 0x0000
Table 12. Rotation Rate, Twos Complement Format1
Rotation
Rate (°/sec)
Decimal
Hex
Binary
+250
25,000
0x61A8
0110 0001 1010 1000
+2 ÷ 100
+2
0x0002
0000 0000 0000 0010
+1 ÷ 100
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1 ÷ 100
−1
0xFFFF
1111 1111 1111 1111
−2 ÷ 100
−2
0xFFFE
1111 1111 1111 1110
−250
−25,000
0x9E58
1001 1110 0101 1000
1
SENS_AVG[15:8] = 0x04, see Table 29.
ACCELEROMETERS
XACCL_OUT (see Table 13) contains x-axis accelerometer data
(aX in Figure 17), YACCL_OUT (see Table 14) contains y-axis
accelerometer data (aY in Figure 17), and ZACCL_OUT (see
Table 15) contains z-axis accelerometer data (aZ in Figure 17).
Table 16 illustrates the accelerometer data format with numerical
examples.
Table 13. XACCL_OUT (Base Address = 0x0A), Read Only
Bits
Description
[15:0]
X-axis acceleration data, twos complement format,
4000 LSB/g, 0 g = 0x0000
Table 14. YACCL_OUT (Base Address = 0x0C), Read Only
Bits
Description
[15:0]
Y-axis acceleration data, twos complement format,
4000 LSB/g, 0 g = 0x0000
Table 15. ZACCL_OUT (Base Address = 0x0E), Read Only
Bits
Description
[15:0]
Z-axis acceleration data, twos complement format,
4000 LSB/g, 0 g = 0x0000
Table 16. Acceleration, Twos Complement Format
Acceleration (g)
Decimal
Hex
Binary
+5
20,000
0x4E20
0100 1110 0010 0000
+2 ÷ 4000
+2
0x0002
0000 0000 0000 0010
+1 ÷ 4000
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1 ÷ 4000
−1
0xFFFF
1111 1111 1111 1111
−2 ÷ 4000
−2
0xFFFE
1111 1111 1111 1110
−5
−20,000
0xB1E0
1011 0001 1110 0000
Y-AXIS
X-AXIS
Z-AXIS
aZ
aY
gY
aX
gX
gZ
Figure 17. Inertial Sensor Direction Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com