Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADIS16445
Rev. F | Page 13 of 22
INTERNAL TEMPERATURE
The internal temperature measurement data loads into the
TEMP_OUT (see Table 17) register. Table 18 illustrates the
temperature data format. Note that this temperature represents
an internal temperature reading, which does not precisely rep-
resent external conditions. The intended use of TEMP_OUT is
to monitor relative changes in temperature.
Table 17. TEMP_OUT (Base Address = 0x18), Read Only
Bits
Description
[15:12]
Not used
[11:0]
Twos complement, 0.07386°C/LSB, 31°C = 0x000
Table 18. Temperature, Twos Complement Format
Temperature (°C)
Decimal
Hex
Binary
+105
+1002
0x3EA
0011 1110 1010
+85
+731
0x2DB
0010 1101 1011
+31.14771
+2
0x002
0000 0000 0010
+31.07386
+1
0x001
0000 0000 0001
+31
0
0x000
0000 0000 0000
+30.92614
−1
0xFFF
1111 1111 1111
+30.85229
−2
0xFFE
1111 1111 1110
−40
−962
0xC3E
1100 0011 1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com