Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16445/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16445/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16445/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16445/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16445/PCBZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADIS16445
Rev. F | Page 21 of 22
APPLICATIONS INFORMATION
MOUNTING TIPS
The mounting and installation process can influence gyroscope
bias repeatability and other key parametric behaviors. To pre-
serve the best performance, use the following guidelines when
developing an attachment approach for the ADIS16445:
•
Focus mounting force at the machine screw locations.
•
Avoid direct force application on the substrate.
•
Avoid placing mounting pressure on the package lid, except
for the edges that border the exposed side of the substrate.
•
Use a consistent mounting torque of 28 inch-ounces on
mounting hardware.
•
Avoid placing translational forces on the electrical connector.
For more ideas on mounting ideas and tips, please refer to
Application Note AN-1305.
POWER SUPPLY CONSIDERATIONS
The power supply must be within 3.15 V and 3.45 V for normal
operation and optimal performance. During start up, the internal
power conversion system starts drawing current when VDD
reaches 1.6 V. The internal processor begins initializing when
VDD is equal to 2.35 V. After the processor starts, VDD must
reach 2.7 V within 128 ms. Also, make sure that the power sup-
ply drops below 1.6 V to shut the device down. Figure 9 shows a
10 µF capacitor on the power supply. Using this capacitor sup-
ports optimal noise performance in the sensors.
ADIS16445/PCBZ
The ADIS16445/PCBZ includes one ADIS16445BMLZ, one
interface PCB, and one flexible connector/cable. This particular
flexible cable mates the ADIS16445BMLZ 20-pin connector to
systems that presently support the 24-pin interface from other
products in this family, such as the ADIS16365, ADIS16375,
and ADIS16488A. This combination of components enables
quicker installation for prototype evaluation and algorithm
development. Figure 22 provides a mechanical design example
for using these three components in a system.
ADIS16445BMLZ
INTERFACE PCB
33.40mm
23.75mm
20.15mm
30.10mm
10.07mm
15.05mm
J1
1
11
1
11
12
2
12
2
J2
NOTES
1. USE FOUR M2 MACHINE SCREWS TO ATTACH THE ADIS16445.
2. USE FOUR M3 MACHINE SCREWS TO ATTACH THE INTERFACE PCB.
FLEXIBLE CONNECTOR/CABLE
15mm TO
45mm
Figure 22. Physical Diagram for Mounting the ADIS16445/PCBZ
Figure 23 provides the pin assignments for the interface board.
1
2
3
4
5
6
7
8
9
10
11
12
DNC
DNC
DNC
DNC
DIO2
DNC
DNC
DIO1
DIO4
DIO3
GND
J2
GND
2
4
6
8
10
1
3
5
7
9
11
12
RST
CS
GND
GND
VDD
GND
VDD
VDD
DIN
DOUT
SCLK
J1
DNC
Figure 23. J1/J2 Pin Assignments for Interface PCB
Installation
The following steps provide an example installation process for
using these three components:
•
Drill and tap M2 and M3 holes in the system frame, according
to the locations in Figure 22.
•
Install the ADIS16445 using M2 machine screws. Use a
mounting torque of 25 inch-ounces.
•
Install the interface PCB using M3 machine screws.
•
Connect J1 on the interface flex to the ADIS16445BMLZ
connector.
•
Connect J2 on the interface flex to J3 on the interface PCB.
Note that J2 (interface flex) has 20 pins and J3 (interface PCB)
has 24 pins. Make sure that Pin 1 on J2 (interface flex)
connects to Pin 20 on J3 (interface PCB). J3 has a Pin 1 in-
dicator to help guide this connection.
•
Use J1 and J2 on the interface PCB to make the electrical
connection with the system supply and embedded pro-
cessor, using 12-pin, 1 mm ribbon cables. The following
parts may be useful in building this type of cable: 3M
Part Number 152212-0100-GB (ribbon crimp connector)
and 3M Part Number 3625/12 (ribbon cable).
The C1/C2 pads on the interface PCB do not have capacitors
on them, but these pads can support the suggested power sup-
ply capacitor of 10 µF (see Figure 9).
PC-BASED EVALUATION TOOLS
The EVAL-ADIS supports PC-based evaluation of the ADIS16445.
Go to www.analog.com/EVAL-ADIS, to download the user guide
(UG-287) and software (IMU evaluation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com