Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 157 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 157 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 153Page - Lumberg ASBSM4-LED3 Datasheet HTML 154Page - Lumberg ASBSM4-LED3 Datasheet HTML 155Page - Lumberg ASBSM4-LED3 Datasheet HTML 156Page - Lumberg ASBSM4-LED3 Datasheet HTML 157Page - Lumberg ASBSM4-LED3 Datasheet HTML 158Page - Lumberg ASBSM4-LED3 Datasheet HTML 159Page - Lumberg ASBSM4-LED3 Datasheet HTML 160Page - Lumberg ASBSM4-LED3 Datasheet HTML 161Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
157
References
Cable Index and Connector Key/Pin Configurations
Ethernet Color-Code and Cable Specifications
Cable No. Wire Color Code
Number of
Conductors
Gauge
Shielding
Foil / Braid
Material
Jacket
Color
Outside Diameter Temperature Rating
Installation / Operation
Specifications
342
yellow
white
orange
blue
2
Twisted Pair
22 AWG
Stranded
Shielded
PUR, Halogen-Free
Green
.244” / Ø 6.2 mm
-20°C to 75°C
UL Style 20236
CSA Class I/II A/B
PROFInet Compliant Type C
656
blue/white
orange/white
green/white
brown/white
4
Twisted Pair
24 AWG
Stranded
Shielded
PVC, High-Flex
Teal
.306” / Ø 7.77 mm -40°C to 60°C
-40°C to 75°C
UL Type CMR
CEC C(UL) Type CMR
TIA 568-B.2 CAT5E
609
blue/white
orange/white
green/white
brown/white
4
Twisted Pair
24 AWG
Stranded
Shielded
PVC, Moderate-Flex Teal
.286” / Ø 7.26 mm -40°C to 60°C
-40°C to 75°C
UL Type CMR
CEC C(UL) Type CMR
TIA 568-B.2 CAT5E
706
orange/white
orange
green/white
green
2
Twisted Pair
24 AWG
Stranded
Unshielded TPE, High-Flex
Teal
.210” / Ø 5.33 mm -25°C to 75°C
-40°C to 75°C
UL Type CM
CEC C(UL) Type CM
TIA 568-B.2 CAT5E
S3667
white/orange
orange
white/blue
blue
white/green
green
white/brown
brown
4
Twisted Pair
26 AWG
Stranded
Shielded
PUR, Halogen-Free
Blue
.240” / Ø 6.1 mm
-20°C to 75°C
TIA 568-B.2 CAT5E
S4549
white/orange
white/green
orange
green
2
Twisted Pair
26 AWG
Stranded
Shielded
PUR, Halogen-Free
Blue
.221” / Ø 5.6 mm
-40°C to 80°C
TIA 568-B.2 CAT5E
Ethernet Connector Pin Configurations
Ethernet/IP
Modbus® TCP/IP
M12 Male
M12 Female
RJ45
Male
RJ45
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com