Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 153 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 153 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 149Page - Lumberg ASBSM4-LED3 Datasheet HTML 150Page - Lumberg ASBSM4-LED3 Datasheet HTML 151Page - Lumberg ASBSM4-LED3 Datasheet HTML 152Page - Lumberg ASBSM4-LED3 Datasheet HTML 153Page - Lumberg ASBSM4-LED3 Datasheet HTML 154Page - Lumberg ASBSM4-LED3 Datasheet HTML 155Page - Lumberg ASBSM4-LED3 Datasheet HTML 156Page - Lumberg ASBSM4-LED3 Datasheet HTML 157Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
153
References
Cable Index and Connector Key/Pin Configurations
NUMERIC Color Code-Mini-C-Body (1 1/8”) Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge Material Voltage
Rating
Jacket
Color
Outside
Diameter
Temperature
Rating
UL
CSA
12
676
1 = black #1
2 = black #2
3 = black #3
4 = black #4
5 = black #5
6 = black #6
7 = black #7
8 = black #8
9 = green/yellow
10 = black #10
11 = black #11
12 = black #12
18
PUR
300 V
Yellow
.390”
-45°C to +80°C
AWM 20233 AWM I/II A/B
19
669
1 = black #1
2 = black #2
3 = black #3
4 = black #4
5 = black #5
6 = black #6
7 = black #7
8 = black #8
9 = black #9
10 = black #10
11 = black #11
12 = green/yellow
13 = black #13
14 = black #14
15 = black #15
16 = black #16
17 = black #17
18 = black #18
19 = black #19
18
PUR
300 V
Yellow
.489”
-45°C to +80°C
AWM 20233 AWM I/II A/B
IEC Color Code-Mini-A-Body (7/8”) Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge Material Voltage
Rating
Jacket
Color
Outside
Diameter
Temperature
Rating
UL
CSA
2
603
1 = brown
2 = blue
18
PVC
300 V
Yellow
.290"
-40°C to +105°C
AWM 2661
AWM I/II A/B
3
601
645
731
1 = black
2 = brown
3 = blue
18
18
18
PVC
PUR
TPE
300 V
300 V
250 V
Yellow
Yellow
Yellow
.290”
.220”
.284”
-40°C to +105°C
-45°C to +80°C
-50°C to +90°C
AWM 2661
AWM 20333
PLTC
AWM I/II A/B
AWM I/II A/B
AWM I/II A/B
4
602
637
1 = black
2 = blue
3 = brown
4 = white
18
18
PUR
TPE
300 V
300 V
Yellow
Yellow
.230”
.280”
-45°C to +80°C
-25°C to +105°C
AWM 20233
PLTC
AWM I/II A/B
AWM I/II A/B
5
794
1 = black
2 = blue
3 = yellow/green tr.
4 = brown
5 = white
18
TPE
300 V
Yellow
.327”
-50°C to +90°C
PLTC
AWM I/II A/B
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com