Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 152 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 152 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 148Page - Lumberg ASBSM4-LED3 Datasheet HTML 149Page - Lumberg ASBSM4-LED3 Datasheet HTML 150Page - Lumberg ASBSM4-LED3 Datasheet HTML 151Page - Lumberg ASBSM4-LED3 Datasheet HTML 152Page - Lumberg ASBSM4-LED3 Datasheet HTML 153Page - Lumberg ASBSM4-LED3 Datasheet HTML 154Page - Lumberg ASBSM4-LED3 Datasheet HTML 155Page - Lumberg ASBSM4-LED3 Datasheet HTML 156Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
152
References
Cable Index and Connector Key/Pin Configurations
U.S. Color Code-Mini-C-Body (1 1/8”) Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge Material Voltage
Rating
Jacket
Color
Outside
Diameter
Temperature
Rating
UL
CSA
9
623
651
1 = orange
2 = blue
3 = red/black
4 = green/black
5 = white
6 = red
7 = green
8 = white/black
9 = black
16
18
PVC
PUR
600 V
300 V
Yellow
Yellow
.660”
.313”
-40°C to +105°C
-45°C to +80°C
STOW
AWM 20233
STO
AWM I/II A/B
10
699
652
1 = orange
2 = blue
3 = white/black
4 = red/black
5 = green/black
6 = orange/black
7 = red
8 = green
9 = black
10 = white
16
18
PVC
PUR
600 V
300 V
Yellow
Yellow
.660”
.340”
-40°C to +105°C
-45°C to +80°C
STOW
AWM 20233
STO
AWM I/II A/B
12
724
654
1 = orange
2 = blue
3 = white/black
4 = red/black
5 = green/black
6 = orange/black
7 = blue/black
8 = black/white
9 = green
10 = red
11 = white
12 = black
16
18
TPE
PUR
600 V
300 V
Yellow
Yellow
.690”
.354”
-50°C to +90°C
-45°C to +80°C
SEOOW
AWM 20233
STOW
AWM I/II A/B
Automotive Color Code-Mini-A-Body (7/8”) Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge Material Voltage
Rating
Jacket
Color
Outside
Diameter
Temperature
Rating
UL
CSA
3
741
688
1 = green
2 = red/black tr.
3 = red/white tr.
16
18
TPE
PVC
600 V
300 V
Yellow
Yellow
.390”
.290”
-50°C to +90°C
-40°C to +105°C
SEOOW
AWM 2661
STOOW
AWM I/II A/B
5
742
1 = red/white tr.
2 = red
3 = green
4 = red/orange tr.
5 = red/black tr.
16
TPE
600 V
Yellow
.495”
-50°C to +90°C
SEOOW
STOOW
755
1 = red/white
2 = red
3 = green
4 = red/orange
5 = red/black
18
TPE
250 V
Yellow
.333”
-50°C to +90°C
PLTC
AWM I/II A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com