Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSM4-LED3 Datasheet(PDF) 150 Page - Lumberg

Part # ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Datasheet(HTML) 150 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 146Page - Lumberg ASBSM4-LED3 Datasheet HTML 147Page - Lumberg ASBSM4-LED3 Datasheet HTML 148Page - Lumberg ASBSM4-LED3 Datasheet HTML 149Page - Lumberg ASBSM4-LED3 Datasheet HTML 150Page - Lumberg ASBSM4-LED3 Datasheet HTML 151Page - Lumberg ASBSM4-LED3 Datasheet HTML 152Page - Lumberg ASBSM4-LED3 Datasheet HTML 153Page - Lumberg ASBSM4-LED3 Datasheet HTML 154Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
150
References
Cable Index and Connector Key/Pin Configurations
IEC Color Code-M12 Micro Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
7
282
1 = white
2 = brown
3 = green
4 = yellow
5 = grey
6 = pink
7 = blue
8 = shield
7 x 0.25mm2
PUR, Halogen-Free
Black
.236” / Ø 6.0mm
AWM 21198
AWM I/II, A/B
8
299
184
627
1 = white
2 = brown
3 = green
4 = yellow
5 = grey
6 = pink
7 = blue
8 = red
8 x 0.25mm2
8 x 0.25mm2
8 x 0.25mm2
PUR, Halogen-Free
Shielded
PVC, Shielded
PVC
Black
Orange
Black
.260” / Ø 6.6mm
.260” / Ø 6.6mm
.232” / Ø 5.9mm
AWM 21198
AWM 2661
AWM I/II, A/B
AWM I/II, A/B
12
348
1 = brown
2 = blue
3 = white
4 = green
5 = pink
6 = yellow
7 = black
8 = grey
9 = red
10 = violett
11 = grey/pink
12 = red/blue
2 x 0.25mm2
10 x 0.14mm2
PUR, Halogen-Free
Black
.236” / Ø 6.0mm
U.S. Color Code-M12 1/2”-20 Cable Specifications
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
3
619
1 = green
2 = black
3 = white
3 x 0.75mm2
CPE
Yellow
.370” / Ø 9.4mm
SOOW
SOW
Automotive Color Code-M12 1/2”-20
Conductors Cable
No.
Pin/Wire Color
Code
Face View
Male
Face View
Female
Gauge
Material
Jacket
Color
Outside Diameter
UL
CSA
3
618
688
664
1 = green
2 = red/black
3 = red/white
3 x 0.34mm2
3 x 0.75mm2
3 x 0.34mm2
PVC
PVC
PUR
Yellow
Yellow
Yellow
.180” / Ø 4.6mm
.290” / Ø 7.4mm
.190” / Ø 4.8mm
AWM 2661
AWM 2661
AWM 20233
AWM I/II, A/B
AWM I/II, A/B
AWM I/II, A/B
4
674
689
1 = red/black
2 = red/white
3 = red
4 = green
4 x 0.34mm2
4 x 0.75mm2
PVC
PVC
Yellow
Yellow
.190” / Ø 4.8mm
.290” / Ø 7.4mm
AWM 2661
AWM 2661
AWM I/II, A/B
AWM I/II, A/B
5
673
755
1 = red/white tr.
2 = red
3 = green
4 = red/yellow tr.
5 = red/black tr.
5 x 0.34mm2
5 x 0.75mm2
PVC
TPE
Yellow
Yellow
.210” / Ø 5.3mm
.333” / Ø 8.5mm
AWM 20233
PLTC
AWM I/II, A/B
AWM I/II, A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com