Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45CS1282 Datasheet HTML 1Page - ATMEL Corporation AT45CS1282 Datasheet HTML 2Page - ATMEL Corporation AT45CS1282 Datasheet HTML 3Page - ATMEL Corporation AT45CS1282 Datasheet HTML 4Page - ATMEL Corporation AT45CS1282 Datasheet HTML 5Page - ATMEL Corporation AT45CS1282 Datasheet HTML 6Page - ATMEL Corporation AT45CS1282 Datasheet HTML 7Page - ATMEL Corporation AT45CS1282 Datasheet HTML 8Page - ATMEL Corporation AT45CS1282 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
Features
• Single 2.7V - 3.6V Supply
• Dual-interface Architecture
–RapidS
™ Serial Interface: 50 MHz Maximum Clock Frequency
(SPI Modes 0 and 3 Compatible for Frequencies up to 33 MHz)
–Rapid8
™ 8-bit Interface: 20 MHz Maximum Clock Frequency
• Page Program
– 16,384 Pages (1,056 Bytes/Page) Main Memory
• Sector Erase Architecture
– Sixty-three 270,336-byte Sectors
– One 261,888-byte Sector
– One 8,488-byte Sector
• Two 1056-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 10 mA Active Read Current Typical – Serial Interface
– 12 mA Active Read Current Typical – 8-bit Interface
– 15 µA CMOS Standby Current Typical
• Hardware Data Protection
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100 Program/Erase Cycles Per Sector Minimum
• Data Retention – 10 Years
• Commercial Temperature Range
Description
The AT45CS1282 is a 2.7-volt, dual-interface sequential access Flash memory
ideally suited for infrequent code shadowing applications. This device utilizes Atmel’s
e
-STAC™ Multi-Level Cell (MLC) memory technology, which allows a single cell to
128-megabit
2.7-volt
Dual-interface
Code Shadow
DataFlash®
AT45CS1282
Preliminary
™
Note:
*Optional Use – See pin description text
for connection information.
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK/CLK
Serial Clock/Clock
SI
Serial Input
SO
Serial Output
I/O7 - I/O0
8-bit Input/Output
WP
Hardware Page Write
Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
SER/BYTE
Serial/8-bit Interface
Control
TSOP Top View: Type 1
CBGA Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
NC
NC
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
SCK
SI*
SO*
NC
NC
NC
NC
NC
NC
NC
I/O7*
I/O6*
I/O5*
I/O4*
VCCP*
GNDP*
I/O3*
I/O2*
I/O1*
I/O0*
SER/BYTE*
CLK
NC
NC
NC
A
B
C
D
E
F
G
H
J
1
23
4
5
NC
I/O2
I/O1
I/O0
NC
SER/BYTE
SCK/CLK
CS
SO
GNDP
NC
GND
RDY/BUSY
SI
VCCP
I/O7
VCC
WP
RESET
NC
I/O6
I/O5
I/O4
I/O3
NC
Rev. 3447A–DFLSH–2/04


Similar Part No. - AT45CS1282

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
Sector Erase Architecture
More results

Similar Description - AT45CS1282

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB642 ATMEL-AT45DB642 Datasheet
317Kb / 37P
64-megabit 2.7-volt Only Dual-interface DataFlash
AT45DB1282 ATMEL-AT45DB1282 Datasheet
281Kb / 35P
128-megabit 2.7-volt Dual-interface DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB642D ATMEL-AT45DB642D_06 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB642D ATMEL-AT45DB642D_08 Datasheet
1Mb / 55P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB642D ATMEL-AT45DB642D_09 Datasheet
1Mb / 58P
64-megabit 2.7-volt Dual-interface DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com