Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 13Page - ATMEL Corporation AT45CS1282 Datasheet HTML 14Page - ATMEL Corporation AT45CS1282 Datasheet HTML 15Page - ATMEL Corporation AT45CS1282 Datasheet HTML 16Page - ATMEL Corporation AT45CS1282 Datasheet HTML 17Page - ATMEL Corporation AT45CS1282 Datasheet HTML 18Page - ATMEL Corporation AT45CS1282 Datasheet HTML 19Page - ATMEL Corporation AT45CS1282 Datasheet HTML 20Page - ATMEL Corporation AT45CS1282 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
AC Waveforms
Six different timing waveforms are shown below. Waveform 1 shows the SCK/CLK sig-
nal being low when CS makes a high-to-low transition, and waveform 2 shows the
SCK/CLK signal being high when CS makes a high-to-low transition. In both cases, out-
put SO becomes valid while the SCK/CLK signal is still low (SCK/CLK low time is
specified as t
WL). Timing waveforms 1 and 2 conform to RapidS serial interface but for
frequencies up to 33 MHz. Waveforms 1 and 2 are compatible with SPI Mode 0 and SPI
Mode 3, respectively.
Waveform 3 and waveform 4 illustrate general timing diagram for RapidS serial inter-
face. These are similar to waveform 1 and waveform 2, except that output SO is not
restricted to become valid during the t
WL period. These timing waveforms are valid over
the full frequency range (maximum frequency = 50 MHz) of the RapidS serial case.
Waveform 5 and waveform 6 are for 8-bit Rapid8 interface over the full frequency range
of operation (maximum frequency = 20 MHz).
Waveform 1 – SPI Mode 0 Compatible (for Frequencies up to 33 MHz)
Waveform 2 – SPI Mode 3 Compatible (for Frequencies up to 33 MHz)
CS
SCK/CLK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK/CLK
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com