Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 11Page - ATMEL Corporation AT45CS1282 Datasheet HTML 12Page - ATMEL Corporation AT45CS1282 Datasheet HTML 13Page - ATMEL Corporation AT45CS1282 Datasheet HTML 14Page - ATMEL Corporation AT45CS1282 Datasheet HTML 15Page - ATMEL Corporation AT45CS1282 Datasheet HTML 16Page - ATMEL Corporation AT45CS1282 Datasheet HTML 17Page - ATMEL Corporation AT45CS1282 Datasheet HTML 18Page - ATMEL Corporation AT45CS1282 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
AC Characteristics – RapidS Serial Interface
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
50
MHz
f
CAR
SCK Frequency for Continuous Array Read
40
MHz
tWH
SCK High Time
9
ns
t
WL
SCK Low Time
9
ns
t
CS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
250
ns
t
CSH
CS Hold Time
250
ns
t
CSB
CS High to RDY/BUSY Low
150
ns
tSU
Data In Setup Time
5
ns
t
H
Data In Hold Time
7
ns
t
HO
Output Hold Time
2
ns
tDIS
Output Disable Time
10
ns
t
V
Output Valid
10
ns
t
XFR
Page to Buffer Transfer/Compare Time
500
µs
tP
Page Programming Time
50
ms
t
FP
Fast Page Programming Time
15
ms
t
SE0a
Sector 0a Erase Time
75
200
ms
tSE0b-63
Sector 0b-63 Erase Time
2
4
s
t
RST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com