Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 10Page - ATMEL Corporation AT45CS1282 Datasheet HTML 11Page - ATMEL Corporation AT45CS1282 Datasheet HTML 12Page - ATMEL Corporation AT45CS1282 Datasheet HTML 13Page - ATMEL Corporation AT45CS1282 Datasheet HTML 14Page - ATMEL Corporation AT45CS1282 Datasheet HTML 15Page - ATMEL Corporation AT45CS1282 Datasheet HTML 16Page - ATMEL Corporation AT45CS1282 Datasheet HTML 17Page - ATMEL Corporation AT45CS1282 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an opera-
tional mode is started.
Notes:
1. I
CC1 during a buffer read is 25 mA maximum.
2. I
CC2 during a buffer read is 25 mA maximum.
Absolute Maximum Ratings*
Temperature under Bias ............................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .................................... -65
° C to +150° C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
DC and AC Operating Range
AT45CS1282
Operating Temperature (Case)
Com.
0
° C to 70° C
V
CC Power Supply
(1)
2.7V to 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
IH, all
inputs at CMOS levels
15
50
µA
I
CC1
(1)
Active Current, Read
Operation, Serial Interface
f = 20 MHz; I
OUT = 0 mA;
V
CC = 3.6V
10
20
mA
ICC2
(2)
Active Current, Read
Operation, 8-bit Interface
f = 10 MHz; IOUT = 0 mA;
V
CC = 3.6V
12
20
mA
I
CC3
Active Current, Program
Operation, Page Program
V
CC = 3.6V
50
mA
I
CC4
Active Current, Program
Operation, Fast Page Program
V
CC = 3.6V
65
mA
ICC5
Active Current, Sector Erase
Operation
VCC = 3.6V
50
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
ILO
Output Leakage Current
VI/O = CMOS levels
1
µA
V
IL
Input Low Voltage
V
CC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7V
0.4
V
V
OH
Output High Voltage
I
OH = -100 µA
V
CC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com