Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 9Page - ATMEL Corporation AT45CS1282 Datasheet HTML 10Page - ATMEL Corporation AT45CS1282 Datasheet HTML 11Page - ATMEL Corporation AT45CS1282 Datasheet HTML 12Page - ATMEL Corporation AT45CS1282 Datasheet HTML 13Page - ATMEL Corporation AT45CS1282 Datasheet HTML 14Page - ATMEL Corporation AT45CS1282 Datasheet HTML 15Page - ATMEL Corporation AT45CS1282 Datasheet HTML 16Page - ATMEL Corporation AT45CS1282 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Notes:
P = Page Address Bit
B = Byte/Buffer Address Bit
x = Don’t Care
*The number with (*) is for 8-bit interface.
Table 4. Detailed Bit-level Addressing Sequence
Opcode
Opcode
Address Byte
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes*
50h
0 1 0 1 0 0 0 0
xxxxxxxP
PPPPPPPP
PP xxxxx x
xxxxxxxx
N/A
53h
0 1 0 1 0 0 1 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
54h
0 1 0 1 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
2*
55h
0 1 0 1 0 1 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
56h
0 1 0 1 0 1 1 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
2*
60h
0 1 1 0 0 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
61h
0 1 1 0 0 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
77h
0 1 1 1 0 1 1 1
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
3 or 19*
7Ch
0 1 1 1 1 1 0 0
xxxxxxxP
PPPPPx x x
xxxxxxx x
xxxxxxxx
N/A
84h
1 0 0 0 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
N/A
87h
1 0 0 0 0 1 1 1
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
N/A
88h
1 0 0 0 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
89h
1 0 0 0 1 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
98h
1 0 0 1 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
99h
1 0 0 1 1 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxxxxx
N/A
9Ah
1 0 0 1 1 0 1 0
xxxxxxxx
xxxxxxxx
xxxxxxx x
xxxxxxxx
N/A
9Fh
10 011 111
N/A
N/A
N/A
N/A
N/A
D2h
1 1 0 1 0 0 1 0
xxxxxxxP
PPPPPPPP
PPPPPBB B
BBBBBBBB
3 or 19*
D4h
1 1 0 1 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
1
D6h
1 1 0 1 0 1 1 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBBBBB
1
D7h
11 010 111
N/A
N/A
N/A
N/A
1/0 or 1*
E8h
1 1 1 0 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPBB B
BBBBBBBB
3 or 19*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com