Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45CS1282 Datasheet HTML 1Page - ATMEL Corporation AT45CS1282 Datasheet HTML 2Page - ATMEL Corporation AT45CS1282 Datasheet HTML 3Page - ATMEL Corporation AT45CS1282 Datasheet HTML 4Page - ATMEL Corporation AT45CS1282 Datasheet HTML 5Page - ATMEL Corporation AT45CS1282 Datasheet HTML 6Page - ATMEL Corporation AT45CS1282 Datasheet HTML 7Page - ATMEL Corporation AT45CS1282 Datasheet HTML 8Page - ATMEL Corporation AT45CS1282 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Memory Architecture
Diagram
Device Operation
The device operation is controlled by instructions from the host processor. The list of
instructions and their associated opcodes are contained in Tables 1 through 4. A valid
instruction starts with the falling edge of CS followed by the appropriate 8-bit opcode
and the desired buffer or main memory address location. While the CS pin is low, tog-
gling the SCK/CLK pin controls the loading of the opcode and the desired buffer or main
memory address location through either the SI (serial input) pin or the 8-bit input pins
(I/O7 - I/O0). All instructions, addresses, and data are transferred with the most signifi-
cant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA10 - BFA0 to
denote the 11 address bits required to designate a byte address within a buffer. Main
memory addressing is referenced using the terminology PA13 - PA0 and BA10 - BA0,
where PA13 - PA0 denotes the 14 address bits required to designate a page address
and BA10 - BA0 denotes the 11 address bits required to designate a byte address within
the page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from
either one of the two SRAM data buffers. The DataFlash supports RapidS and Rapid8
protocols for Mode 0 and Mode 3. Please refer to the “Detailed Bit-level Read Timing”
diagrams in this datasheet for details on the clock cycle sequences for each mode.
CONTINUOUS ARRAY READ: By supplying an initial starting address for the main
memory array, the Continuous Array Read command can be utilized to sequentially
read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash
incorporates an internal address counter that will automatically increment on every clock
cycle, allowing one continuous read operation without the need of additional address
sequences. To perform a continuous read, an opcode of E8H must be clocked into the
device followed by four address bytes (which comprises 7 don’t care bits plus the 25-bit
page and byte address sequence) and a series of don’t care clock cycles (24 if using the
serial interface or 19 if using the 8-bit interface). The first 14 bits (PA13 - PA0) of the
SECTOR 0a = 8 Pages
8,448 bytes (8K + 256)
SECTOR 0b = 248 Pages
261,888 bytes (248K + 7,936)
8 Pages
Page = 1,056 bytes
(1K + 32)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 16,382
PAGE 16,383
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
SECTOR ARCHITECTURE
PAGE ARCHITECTURE
SECTOR 63 = 256 Pages
270,336 bytes (256K + 8K)
SECTOR 1 = 256 Pages
270,336 bytes (256K + 8K)
SECTOR 62 = 256 Pages
270,336 bytes (256K + 8K)
SECTOR 2 = 256 Pages
270,336 bytes (256K + 8K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com