Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45CS1282 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 8Page - ATMEL Corporation AT45CS1282 Datasheet HTML 9Page - ATMEL Corporation AT45CS1282 Datasheet HTML 10Page - ATMEL Corporation AT45CS1282 Datasheet HTML 11Page - ATMEL Corporation AT45CS1282 Datasheet HTML 12Page - ATMEL Corporation AT45CS1282 Datasheet HTML 13Page - ATMEL Corporation AT45CS1282 Datasheet HTML 14Page - ATMEL Corporation AT45CS1282 Datasheet HTML 15Page - ATMEL Corporation AT45CS1282 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Note:
1. The Security Register Program command utilizes data stored in Buffer 1. Therefore,
this command must be used in conjunction with the Buffer 1 write command. See the
Security Register description for details.
Table 1. Read Commands
Command
Serial/8-bit
Opcode
Main Memory Page Read
Both
D2h
Continuous Array Read
Both
E8h
Buffer 1 Read
Serial
D4h
Buffer 2 Read
Serial
D6h
Buffer 1 Read
8-bit
54h
Buffer 2 Read
8-bit
56h
Table 2. Program and Erase Commands
Command
Serial/8-bit
Opcode
Buffer 1 Write
Both
84h
Buffer 2 Write
Both
87h
Buffer 1 to Main Memory Page Program
Both
88h
Buffer 1 to Main Memory Page Program,
Fast Program
Both
98h
Buffer 2 to Main Memory Page Program
Both
89h
Buffer 2 to Main Memory Page Program,
Fast Program
Both
99h
Sector 0a Erase
Both
50h
Sector 0b-63 Erase
Both
7Ch
Table 3. Additional Commands
Command
Serial/8-bit
Opcode
Main Memory Page to Buffer 1 Transfer
Both
53h
Main Memory Page to Buffer 2 Transfer
Both
55h
Main Memory Page to Buffer 1 Compare
Both
60h
Main Memory Page to Buffer 2 Compare
Both
61h
Status Register Read
Both
D7h
Manufacturer and Device ID Read
Serial
9Fh
Security Register Program
(1)
Both
9Ah
Security Register Read
Both
77h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com