Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
8
Rev. 0 – 2003 July
4.2 Qualification Test Methods
General Requirements for Plastic packaged CMOS ICs:
Standard
Test Description
Acceptance
MIL-STD 883
Method 1005
Electrical Life Test (Early Failure Rate)
48 hours 140°C
0/300 - 48h
MIL-STD 883
Method 1005
Electrical Life Test (Latent Failure Rate)
1000 hours 140°C Dynamic or Static
0/100 - 500h
MIL-STD 883
Method 3015.7
Electrostatic Discharge HBM
+/-2000v 1.5kOhm/100pF/3 pulses
0/3 per level
JEDEC 78
Latch up
50mW power injection, 50% overvoltage @125°C
0/5 per stress
AEC Q100
Method 005
NVM Endurance
Program Erase Cycles 25°C
0/50 - 10kc
AEC Q100
Method 005
NVM Data Retention
High Temperature Storage 165°C
0/50 - 500h
MIL-STD 883
Method 1010
Temperature Cycling
1000 cycles –65°C/150°C air/air
0/50 - 500c
Atmel
PAQA0184
HAST after Preconditioning
144 hours 130°C/85%RH
0/50 – 96h
EIA
JESD22-A101
85/85 Humidity Test
1000 hours 85°C/85%RH
0/50 - 500h
EIA
JESD22-A110
HAST
336 hours 130°C/85%RH
0/50 - 168h
EIA
JEDEC 20-STD
Preconditioning
Soldering Stress 220°C/235°c/3 times
0/11 per class
MIL-STD 883
Method 2003
Solderability
0/3
MIL-STD 883
Method 2015
Marking Permanency
0/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com