Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
14
Rev. 0 – 2003 July
4.3.4 FLASH Characteristics
4.3.4.1 Cell endurance
Purpose:
To evaluate the ability of memory cell to withstand high number of program/erase cycles without change of
electrical characteristics.
Test Parameters:
Measurements have been done on lot 0R5414.
Test done on 2 cells in a byte :
-
cell near byte select transistor, called bit0 (1
st column)
-
cell near Vss contact, called bit 7 (8
th column).
Cycling is done for various programming voltages :
- write :
13.5V on BL / 15.6V on select - clear : 13.5V on sense / 15.6V on select
@5ms
14.5V on BL / 16.6V on select @5ms 14.5V on sense / 16.6V on select
15.5V on BL / 17.6V on select
15.5V on sense / 17.6V on select
16.5V on BL / 17.6V on select
16.5V on sense / 17.6V on select
MP044 0R5414 #01
Vsel=Vbl+2.1 Bit 0 (near byte sel)
-2.5
-2
-1.5
-1
-0.5
0
1
10
100
1000
10000
100000
# cycles
13.5V
14.5V
15.5V
16.5V
MP044 0R5414 #01
Vsel=Vbl+2.1 Bit 7 (near Vss)
-2.5
-2
-1.5
-1
-0.5
0
1
10
100
1000
10000
100000
# cycles
13.5V
14.5V
15.5V
16.5V
MP044 0R5414 #01
Vsel=Vsen+2.1 Bit 0 (near byte sel)
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
1
10
100
1000
10000
100000
# cycles
13.5V
14.5V
15.5V
16.5V
MP044 0R5414 #01
Vsel=Vsen+2.1 Bit 7 (near Vss)
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
1
10
100
1000
10000
100000
# cycles
13.5V
14.5V
15.5V
16.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com