Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
21
4.5 AT89C51ED2 Packaging reliability
In this section are presented the packaging qualification measurements carried out in PLCC 44.
Lots
Device Type
Test Description
Step
Result Comment
A01948K
AT89C51ED2
PLCC 44
Humidity 85/85 post
Preconditioning level 1
500h
0/50
0/50
Thermal Cycles post
Preconditioning L1
500c
1000c
0/50
0/50
Autoclave post thermal
shocks and Precond. L1
96h
0/50
A01679C
AT89C51RC2
PLCC44
Preconditioning level 1
SAM
Visual
Elect.
0/11
0/50
0/50
Thermal Cycles post
Preconditioning L1
500c
1000c
0/50
0/50
Humidity 85/85 post
Preconditioning level 1
500h
0/50
0/50
Autoclave post thermal
shocks and Precond. L1
96h
0/50
High Temperature
Storage
500h
1000h
0/50
0/50
Marking permanency
Visual
0/5
4.6
AT89C51ED2 Qualification status
Atmel digital 0.35 um wafer process is qualified since 1999, October.
Derived from this technology, AT89C51RD2 / AT89C51ED2 have passed successfully Reliability Testing. Full
qualification has been pronounced in June 2003.
All package pass Level 1 of Moisture Sensitivity Ranking as per JESD 20B. Therefore, Dry Packing is not
mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com