Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
18
Rev. 0 – 2003 July
4.4 Device Reliability
4.4.1 Operating Life Testing
AT89C51ED2 test results are summarized in the table below.
Lot
Device Type
Test Description
Step
Result
Comment
A01948K
AT89C51ED2
PLCC 44
EFR Dynamic Life Test
12h
48h
0/300
0/300
LFR Dynamic Life Test
500h
1000h
0/100
0/100
4.4.2 ESD / Latch-up
AT89C51ED2 test results are summarized in the table below.
Lot
Device Type
Test Description
Step
Result
Comment
A01948
AT89C51ED2
PLCC 44
ESD-HBM Model
2000V
3000V
4000V
5000V
0/3
1/3
1/3
1/3
Class 2 of MIL STD 883
LATCH-UP
Over-Voltage
Power Injection
5.5v
50mW
0/5
0/5
Test done at 125°C
Classified latch-up free
4.4.3 FLASH and EEPROM Data Retention and Endurance Cycling
AT89C51ED2 test results are summarized in the table below.
Lot
Device Type
Test Description
Step
Result
Comment
A01948K
AT89C51ED2
PLCC 44
Data Retention
500h
1000h
0/50
0/50
Program / Erase
Endurance Cycling
100kc
0/30
32k USER memory
Program / Erase
Endurance Cycling
100kc
0/30
2k DATA memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com