Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
20
Rev. 0 – 2003 July
4.4.4 AT89C51ED2 Operating Reliability Calculation
In the next table, it is proposed a AT89C51ED2 reliability prediction calculated at 55°c for 60% confidence level
from generic test data collected over the 12 last months process monitor.
Lots
Device Type
Test Description
Step
Result
Comment
A00648
P01709
A00988B
T89C51CC01
VQFP 44
EFR Dynamic Life Test
48h
0/3787
A01459A
A01460E
A01615B
LFR Dynamic Life Test
1000h
0/266
A01110C
A01110D
T89C51CC02
SOIC28
EFR Dynamic Life Test
48h
1/1260
1 Ipd drift caused by scratch on
metal 1
A01185F
A01366E
LFR Dynamic Life Test
1000h
0/280
A01679A
A01679B
T89C51RC2
PLCC 44
EFR Dynamic Life Test
48h
0/1856
LFR Dynamic Life Test
1000h
0/100
A00808A
A00943E
T89C51RB2
PLCC 44
EFR Dynamic Life Test
48h
0/300
LFR Dynamic Life Test
1000h
0/100
A01487Q
A02179
T85C5121
T89C5121
EFR Dynamic Life Test
48h
0/684
SSOP24
LFR Dynamic Life Test
1000h
0/100
A01435H
A01435K
AT89C5114
SOIC20
EFR Dynamic Life Test
48h
0/1887
A02293C
LFR Dynamic Life Test
1000h
0/200
A00960C
A01808A
AT89C51SND1
AT83C51SND1
EFR Dynamic Life Test
48h
1/550
Consumption hot spot in DCLK
input buffer
A01914J
VQFP 80
LFR Dynamic Life Test
1000h
0/170
A01584A
AT89C5131
VQFP64
EFR Dynamic Life Test
48h
0/350
LFR Dynamic Life Test
1000h
0/100
Global
EFR Dynamic Life Test
48h
2/10674 187 ppm
LFR Dynamic Life Test
-
0/1316
4.4 fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com