Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
19
AT56800 Program / Erase Endurance:
Temperature acceleration factor calculation:
010000 30000 50000 70000 90000 110000
Number of cycles
0
5
10
15
LEGEND
Normal (94541;13074)
Weibull (100021;8,97;0)
fail Count
A01110-125dEndurance
16K FLASH Program Erase Endurance: Typical 125d distribution
Endurance Temperature Acceleration
T89C51CC02 - A01013L
1076331
94415
1,0E+03
1,0E+04
1,0E+05
1,0E+06
1,0E+07
25°C
125°C
Nc(50%)
Temperature effect on 16K FLASH Program / Erase
AT(125d/25d) = 11.8 - Ea = 0.25eV
AT56800 FLASH / EEPROM Reliability Calculation:
Global
Calculation
AT56800
Microcontrollers
Data-Retention Test
165°c
250°c
0/1101000
0/251496
For
current
sample
size
expressed in device*hours,
Ea = 0.7eV, CL = 60%, T = 55°:
?DR = 0.29 fit
Endurance Cycling
55°c
1/109850k Failure : 1 bit charge loss
For sample size expressed in
equivalent cycles at 55°c, and
assuming one cycle per day,
Ea = 0.25eV, CL = 60%:
?EC = 0.76 fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com