Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
11
4.3.2 Hot Carriers Injection
Test conditions
The test is performed by forcing a high drain bias on the test device (Vds>Vddmax) to accelerate the carriers to the
maximum. At the same time the gate bias (Vgs) is chosen in order to maximize the injection of carriers into the
gate oxide and also the substrate. WLR_B n-channel W/L 0.35um/25um the stress is performed on a number of
transistors, each at a different stress condition Vds,stress and Vgs,stress. For each transistor, the time to reach the
failure criteria (dIdsat/Idsat=10%) is obtained. NMOS is more sensitive to hot carriers compared to PMOS.
Consequently NMOS is the only structure tested.
Measurement
AT568T7 lot 1J0433 has been measured using the WLR_B hot electron structure with standard drain.
NMOS W/L = 25/0.35 um.
Results
HCI 56.8k 1J0433 AT568T7 FAB 5 N-Channel W/L 0.35/25.0um
10% Change in Idsat
y = 5E+16x30,692
R2 = 0,9719
0,0001
0,001
0,01
0,1
1
0,2
0,22
0,24
0,26
0,28
0,3
1/Vdd
Conclusion
The extrapolated life time in the worst case conditions (@Vds=Vdd max & Vgs set to maximize substrate current) is
much greater than 0.2 years in DC mode (qualification requirement) which is equivalent to more than 10 years in
AC mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com