Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 21Page - National Semiconductor (TI) COP820 Datasheet HTML 22Page - National Semiconductor (TI) COP820 Datasheet HTML 23Page - National Semiconductor (TI) COP820 Datasheet HTML 24Page - National Semiconductor (TI) COP820 Datasheet HTML 25Page - National Semiconductor (TI) COP820 Datasheet HTML 26Page - National Semiconductor (TI) COP820 Datasheet HTML 27Page - National Semiconductor (TI) COP820 Datasheet HTML 28Page - National Semiconductor (TI) COP820 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Instruction Set
REGISTER AND SYMBOL DEFINITIONS
Registers
A
8-bit Accumulator register
B
8-bit Address register
X
8-bit Address register
SP
8-bit Stack pointer register
PC
15-bit Program counter register
PU
upper 7 bits of PC
PL
lower 8 bits of PC
C
1-bit of PSW register for carry
HC
Half Carry
GIE 1-bit of PSW register for global interrupt enable
Symbols
[B]
Memory indirectly addressed by B register
[X]
Memory indirectly addressed by X register
Mem
Direct address memory or [B]
MemI Direct address memory or [B] or Immediate data
Imm
8-bit Immediate data
Reg
Register memory: addresses F0 to FF (Includes B, X
and SP)
Bit
Bit number (0 to 7)
←
Loaded with
↔
Exchanged with
INSTRUCTION SET
ADD
add
A ← A + MemI
ADC
add with carry
A ← A+MemI+C,C ← Carry
HC ← Half Carry
SUBC
subtract with carry
A ← A + MemI +C, C ← Carry
HC ← Half Carry
AND
Logical AND
A ← A and MemI
OR
Logical OR
A ← A or MemI
XOR
Logical Exclusive-OR
A ← A xor MemI
IFEQ
IF equal
Compare A and MemI, Do next if A = MemI
IFGT
IF greater than
Compare A and MemI, Do next if A > MemI
IFBNE
IF B not equal
Do next if lower 4 bits of B
≠ Imm
DRSZ
Decrement Reg. ,skip if zero
Reg ← Reg − 1, skip if Reg goes to 0
SBIT
Set bit
1 to bit, Mem (bit= 0 to 7 immediate)
RBIT
Reset bit
0 to bit, Mem
IFBIT
If bit
If bit, Mem is true, do next instr.
X
Exchange A with memory
A
↔ Mem
LD A
Load A with memory
A ← MemI
LD mem
Load Direct memory Immed.
Mem ← Imm
LD Reg
Load Register memory Immed.
Reg ← Imm
X
Exchange A with memory [B]
A
↔ [B]
(B ← B±1)
X
Exchange A with memory [X]
A
↔ [X]
(X ← X±1)
LD A
Load A with memory [B]
A ← [B]
(B ← B±1)
LD A
Load A with memory [X]
A ← [X]
(X ← X±1)
LD M
Load Memory Immediate
[B] ← Imm (B ← B±1)
CLRA
Clear A
A ← 0
INCA
Increment A
A ← A+1
DECA
Decrement A
A ← A−1
LAID
Load A indirect from ROM
A ← ROM(PU,A)
DCORA
DECIMAL CORRECT A
A ← BCD correction (follows ADC, SUBC)
RRCA
ROTATE A RIGHT THRU C
C → A7 → … → A0 → C
SWAPA
Swap nibbles of A
A7 … A4
↔ A3…A0
SC
Set C
C ← 1, HC ← 1
RC
Reset C
C ← 0, HC ← 0
IFC
If C
If C is true, do next instruction
IFNC
If not C
If C is not true, do next instruction
JMPL
Jump absolute long
PC ← ii (ii = 15 bits, 0 to 32k)
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com