Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP820 Datasheet HTML 1Page - National Semiconductor (TI) COP820 Datasheet HTML 2Page - National Semiconductor (TI) COP820 Datasheet HTML 3Page - National Semiconductor (TI) COP820 Datasheet HTML 4Page - National Semiconductor (TI) COP820 Datasheet HTML 5Page - National Semiconductor (TI) COP820 Datasheet HTML 6Page - National Semiconductor (TI) COP820 Datasheet HTML 7Page - National Semiconductor (TI) COP820 Datasheet HTML 8Page - National Semiconductor (TI) COP820 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
COP820CJ/COP840CJ Family
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
Memory, Comparator and Brown Out Detector
General Description
The COP820CJ/840CJ Family ROM based microcontrollers
are integrated COP8™ Base core devices with 1k or 2k
memory, an Analog comparator and Brownout detection.
These single-chip CMOS devices are suited for lower-
functionality applications where power and voltage fluctua-
tions are a consideration. Pin and software compatible (no
Brownout; different Vcc range) 4k/32k OTP versions are
available (COP87LxxCJ/RJ Family) for pre-production, and
for use with a range of COP8 software and hardware devel-
opment tools.
Family features include an 8-bit memory mapped architec-
ture, 10MHz CKI with 1us instruction cycle, one multi-
function 16-bit timer/counter, MICROWIRE/PLUS™ serial
I/O, one analog comparator, power saving HALT mode,
MIWU, on-chip R/C oscillator capacitor (COP840CJ), high
current outputs, software selectable I/O options, WATCH-
DOG™ timer, modulator/timer, Brownout detector, Power on
Reset, 2.5v-6.0v operation, and 16/20/28 pin packages.
In this datasheet, the term COP820CJ refers to packages in-
cluding the COP820CJ, COP822CJ, and COP823CJ; and
COP840CJ refers to COP840CJ, COP842CJ, COP940CJ,
and COP942CJ.
Devices included in this data sheet are:
Device
Memory (bytes)
RAM (bytes)
I/O Pins
Packages
Temperature
Comments
COP820CJ
1k ROM
64
24
28 DIP/SOIC
-40 to +85˚C
COP822CJ
1k ROM
54
16
20 DIP/SOIC
-40 to +85˚C
COP823CJ
1k ROM
64
12
16 SOIC
-40 to +85˚C
COP840CJ
2k ROM
128
24
28 DIP/SOIC
-40 to +85˚C
Low EMI
COP940CJ
2k ROM
128
24
28 DIP/SOIC
-0 to +70˚C
2.5V-4.5V, CJH = 4V-6V
COP842CJ
2k ROM
128
16
20 DIP/SOIC
-40 to +85˚C
COP942CJ
2k ROM
128
16
20 DIP/SOIC
-0 to +70˚C
2.5V-4.5V, CJH = 4V-6V
Key Features
n
Multi-Input Wake Up (on the 8-bit Port L)
n
Brown out detector
n
Analog comparator
n
Modulator/timer (High speed PWM for IR transmission)
n
16-bit multi-function timer supporting
— PWM mode
— External event counter mode
— Input capture mode
n
1024 or 2048 bytes of ROM
n
64 or 128 bytes of RAM
n
Quiet design (low radiated emissions)
n
Integrated capacitor for the R/C oscillator for COP840CJ
I/O Features
n
Software selectable I/O options (TRI-STATE® output,
push-pull output, weak pull-up input, high impedance
input)
n
High current outputs (8 pins)
n
Packages
— 16 SO with 12 I/O pins for COP820CJ
— 20 DIP/SO with 16 I/O pins
— 28 DIP/SO with 24 I/O pins
n
Schmitt trigger inputs on Port G
n
MICROWIRE/PLUS serial I/O
CPU/Instruction Set Feature
n
1 µs instruction cycle time
n
Three multi-source vectored interrupts servicing
— External interrupt with selectable edge
— Timer interrupt
— Software interrupt
n
8-bit Stack Pointer (SP) — stack in RAM
n
Two 8-bit register indirect data memory pointers (B, X)
Fully Static CMOS
n
Low current drain (typically < 1 µA)
n
Single supply operation: 2.5V to 6.0V
n
Temperature ranges: −0˚C to +70˚C and −40˚C to +85˚C
Development Support
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink Development System
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COP8™, MICROWIRE™, MICROWIRE/PLUS™ and WATCHDOG™ are trademarks of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
September 1999
© 2000 National Semiconductor Corporation
DS011208
www.national.com


Similar Part No. - COP820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820C NSC-COP820C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP820C-XXX/N NSC-COP820C-XXX/N Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP820C-XXX/WM NSC-COP820C-XXX/WM Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP820CJ NSC-COP820CJ Datasheet
408Kb / 32P
8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
More results

Similar Description - COP820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com