Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 13Page - National Semiconductor (TI) COP820 Datasheet HTML 14Page - National Semiconductor (TI) COP820 Datasheet HTML 15Page - National Semiconductor (TI) COP820 Datasheet HTML 16Page - National Semiconductor (TI) COP820 Datasheet HTML 17Page - National Semiconductor (TI) COP820 Datasheet HTML 18Page - National Semiconductor (TI) COP820 Datasheet HTML 19Page - National Semiconductor (TI) COP820 Datasheet HTML 20Page - National Semiconductor (TI) COP820 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
WATCHDOG (Continued)
MODE 2: TIMER
In this mode, the prescaler/counter is used as a timer by
keeping the WDREN (WATCHDOG reset enable) bit at 0.
The counter underflow sets the WDUDF (underflow) bit and
the underflow does not reset the device. Loading the 8-bit
counter (load n-1 for n counts) sets the WDTEN bit (WATCH-
DOG Timer Enable) to “1”, loads the prescaler with FF, and
starts the timer. The counter underflow stops the timer. The
WDTEN bit serves as a start bit for the WATCHDOG timer.
This bit is set when the 8-bit counter is loaded by the user
program. The load could be as a result of WATCHDOG ser-
vice (WATCHDOG timer dedicated for WATCHDOG func-
tion) or write to the counter (WATCHDOG timer used as a
general purpose counter). The bit is cleared upon Brown Out
reset, WATCHDOG reset or external reset. The bit is not
memory mapped and is transparent to the user program.
TABLE 7. WATCHDOG Control/Status
HALT
WD
EXT/BOR
Counter
Parameter
Mode
Reset
Reset
Load
(Note 10)
8-Bit Prescaler
FF
FF
FF
FF
8-Bit WD Counter
FF
FF
FF
User Value
WDREN Bit
Unchanged
Unchanged
0
No Effect
WDUDF Bit
0
Unchanged
0
0
WDTEN Signal
Unchanged
0
0
1
Note 10: BOR is Brown Out Reset.
CONTROL/STATUS BITS
WDUDF: WATCHDOG Timer Underflow Bit
This bit resides in the CNTRL2 Register. The bit is set when
the WATCHDOG timer underflows. The underflow resets the
device if the WATCHDOG reset enable bit is set (WDREN =
1). Otherwise, WDUDF can be used as the timer underflow
flag. The bit is cleared upon Brown-Out reset, external reset,
load to the 8-bit counter, or going into the HALT mode. It is a
read only bit.
WDREN: WD Reset Enable
WDREN bit resides in a separate register (bit 0 of WDREG).
This bit enables the WATCHDOG timer to generate a reset.
The bit is cleared upon Brown Out reset, or external reset.
The bit under software control can be written to only once
(once written to, the hardware does not allow the bit to be
changed during program execution).
WDREN = 1 WATCHDOG reset is enabled.
WDREN = 0 WATCHDOG reset is disabled.
Table 7 shows the impact of Brown Out Reset, WATCHDOG
Reset, and External Reset on the Control/Status bits.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com