Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 2Page - National Semiconductor (TI) COP820 Datasheet HTML 3Page - National Semiconductor (TI) COP820 Datasheet HTML 4Page - National Semiconductor (TI) COP820 Datasheet HTML 5Page - National Semiconductor (TI) COP820 Datasheet HTML 6Page - National Semiconductor (TI) COP820 Datasheet HTML 7Page - National Semiconductor (TI) COP820 Datasheet HTML 8Page - National Semiconductor (TI) COP820 Datasheet HTML 9Page - National Semiconductor (TI) COP820 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Crystal/Resonator
4.5V
≤ V
CC ≤ 6.0V
1
DC
µs
2.5V
≤ V
CC ≤ 4.5V
2.5
DC
µs
R/C Oscillator
4.5V
≤ V
CC ≤ 6.0V
3
DC
µs
COP840CJ
2
DC
µs
2.5V
≤ V
CC ≤ 4.5V
7.5
DC
µs
COP840CJ
5
DC
µs
V
CC Rise Time when Using Brown
Out
V
CC = 0Vto6V
50
µs
Frequency at Brown Out Reset
4
MHz
CKI Frequency For Modular Output
4
MHz
CKI Clock Duty Cycle (Note 6)
fr = Max
40
60
%
Rise Time (Note 6)
fr = 10 MHz ext. Clock
12
ns
Fall Time (Note 6)
fr = 10 MHz ext. Clock
8
ns
Inputs
t
Setup
4.5V
≤ V
CC ≤ 6.0V
200
ns
2.5V
≤ V
CC ≤ 4.5V
500
ns
t
Hold
4.5V
≤ V
CC ≤ 6.0V
60
ns
2.5V
≤ V
CC ≤ 4.5V
150
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 6.0V
0.7
µs
2.5V
≤ V
CC ≤ 4.5V
1.75
µs
All Others
4.5V
≤ V
CC ≤ 6.0V
1
µs
2.5V
≤ V
CC ≤ 4.5V
5
µs
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
MICROWIRE Setup Time (t
µWS)20
ns
MICROWIRE Hold Time (t
µWH)56
ns
MICROWIRE Output
220
ns
Propagation Delay (t
µPD)
Reset Pulse Width
1.0
µs
Note 6: Parameter characterized but not production tested.
DS011208-2
FIGURE 3. MICROWIRE/PLUS Timing
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com