Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 19Page - National Semiconductor (TI) COP820 Datasheet HTML 20Page - National Semiconductor (TI) COP820 Datasheet HTML 21Page - National Semiconductor (TI) COP820 Datasheet HTML 22Page - National Semiconductor (TI) COP820 Datasheet HTML 23Page - National Semiconductor (TI) COP820 Datasheet HTML 24Page - National Semiconductor (TI) COP820 Datasheet HTML 25Page - National Semiconductor (TI) COP820 Datasheet HTML 26Page - National Semiconductor (TI) COP820 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Control Registers
CNTRL1 REGISTER (ADDRESS 00EE)
TC3
TC2
TC1 TRUN
MSEL
IEDG
SL1
SL0
Bit 7
Bit 0
The Timer and MICROWIRE control register contains the fol-
lowing bits:
TC3
Timer T1 Mode Control Bit
TC2
Timer T1 Mode Control Bit
TC1
Timer T1 Mode Control Bit
TRUN
Used to start and stop the timer/counter
(1 = run, 0 = stop)
MSEL
Selects G5 and G4 as MICROWIRE signals
SK and SO respectively
IEDG
External interrupt edge polarity select
SL1 and SL0 Select the MICROWIRE clock divide-by
(00=2, 01=4, 1x=8)
PSW REGISTER (ADDRESS 00EF)
HC
C
TPND
ENTI
IPND
BUSY
ENI
GIE
Bit 7
Bit 0
The PSW register contains the following select bits:
HC
Half-Carry Flip/Flop
C
Carry Flip/Flop
TPND Timer T1 interrupt pending
(timer Underflow or capture edge)
ENTI
Timer T1 interrupt enable
IPND
External interrupt pending
BUSY MICROWIRE busy shifting flag
ENI
External interrupt enable
GIE
Global interrupt enable (enables interrupts)
The Half-Carry bit is also effected by all the instructions that
effect the Carry flag. The flag values depend upon the in-
struction. For example, after executing the ADC instruction
the values of the Carry and the Half-Carry flag depend upon
the operands involved. However, instructions like SET C and
RESET C will set and clear both the carry flags.
Table 10 lists
the instructions that effect the HC and the C flags.
TABLE 10. Instructions Effecting HC and C Flags
Instr.
HC Flag
C Flag
ADC
Depends on
Operands
Depends on
Operands
SUBC
Depends on
Operands
Depends on
Operands
SET C
Set
Set
RESET C
Set
Set
RRC
Depends on
Operands
Depends on
Operands
CNTRL2 REGISTER (ADDRESS 00CC)
MC3
MC2
MC1
CMPEN CMPRD CMPOE WDUDF
unused
R/W
R/W
R/W
R/W
R/O
R/W
R/O
Bit 7
Bit 0
MC3
Modulator/Timer Control Bit
MC2
Modulator/Timer Control Bit
MC1
Modulator/Timer Control Bit
CMPEN Comparator Enable Bit
CMPRD Comparator Read Bit
CMPOE Comparator Output Enable Bit
WDUDF WATCHDOG Timer Underflow Bit (Read Only)
WDREG REGISTER (ADDRESS 00CD)
UNUSED
WDREN
Bit 7
Bit 0
WDREN WATCHDOG Reset Enable Bit (Write Once Only)
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com