Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 6Page - National Semiconductor (TI) COP820 Datasheet HTML 7Page - National Semiconductor (TI) COP820 Datasheet HTML 8Page - National Semiconductor (TI) COP820 Datasheet HTML 9Page - National Semiconductor (TI) COP820 Datasheet HTML 10Page - National Semiconductor (TI) COP820 Datasheet HTML 11Page - National Semiconductor (TI) COP820 Datasheet HTML 12Page - National Semiconductor (TI) COP820 Datasheet HTML 13Page - National Semiconductor (TI) COP820 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Pin Description
V
CC and GND are the power supply pins.
CKI is the clock input. This can come from an external
source, a R/C generated oscillator or a crystal (in conjunc-
tion with CKO). See Oscillator description.
RESET is the master reset input. See Reset description.
PORT I is a 4-bit Hi-Z input port.
PORT L is an 8-bit I/O port.
There are two registers associated with the L port: a data
register and a configuration register. Therefore, each L I/O
bit can be individually configured under software control as
shown below:
Port L
Port L
Port L
Config.
Data
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input with Weak Pull-up
1
0
Push-pull Zero Output
1
1
Push-pull One Output
Three data memory address locations are allocated for this
port, one each for data register [00D0], configuration register
[00D1] and the input pins [00D2].
Port L has the following alternate features:
L7
MIWU or MODOUT (high sink current capability)
L6
MIWU (high sink current capability)
L5
MIWU (high sink current capability)
L4
MIWU (high sink current capability)
L3
MIWU
L2
MIWU or CMPIN+
L1
MIWU or CMPIN−
L0
MIWU or CMPOUT
The selection of alternate Port L functions is done through
registers WKEN [00C9] to enable MIWU and CNTRL2
[00CC] to enable comparator and modulator.
All eight L-pins have Schmitt Triggers on their inputs.
PORT G is an 8-bit port with 6 I/O pins (G0–G5) and 2 input
pins (G6, G7).
All eight G-pins have Schmitt Triggers on the inputs.
There are two registers associated with the G port: a data
register and a configuration register. Therefore each G port
bit can be individually configured under software control as
shown below:
Port G
Port G
Port G
Config.
Data
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input with Weak Pull-up
1
0
Push-pull Zero Output
1
1
Push-pull One Output
Three data memory address locations are allocated for this
port, one for data register [00D4], one for configuration reg-
ister [00D5] and one for the input pins [00D6]. Since G6 and
G7 are Hi-Z input only pins, any attempt by the user to con-
figure them as outputs by writing a one to the configuration
register will be disregarded. Reading the G6 and G7 configu-
ration bits will return zeros. Note that the device will be
placed in the Halt mode by writing a “1” to the G7 data bit.
Six pins of Port G have alternate features:
G7
CKO crystal oscillator output (selected by mask option)
or HALT restart input/general purpose input (if clock
option is R/C or external clock)
G6
SI (MICROWIRE serial data input)
G5
SK (MICROWIRE clock I/O)
G4
SO (MICROWIRE serial data output)
G3
TIO (timer/counter input/output)
G0
INTR (an external interrupt)
Pins G2 and G1 currently do not have any alternate func-
tions.
The selection of alternate Port G functions are done through
registers PSW [00EF] to enable external interrupt and CN-
TRL1 [00EE] to select TIO and MICROWIRE operations.
PORT D is a four bit output port that is preset when RESET
goes low. One data memory address location is allocated for
the data register [00DC].
Note: Care must be exercised with the D2 pin operation. At RESET, the ex-
ternal loads on this pin must ensure that the output voltages stay
above 0.8 VCC to prevent the chip from entering special modes. Also
keep the external loading on D2 to less than 1000 pF.
Functional Description
The internal architecture is shown in the block diagram. Data
paths are illustrated in simplified form to depict how the vari-
ous logic elements communicate with each other in imple-
menting the instruction set of the device.
ALU and CPU Registers
The ALU can do an 8-bit addition, subtraction, logical or shift
operations in one cycle time. There are five CPU registers:
A
is the 8-bit Accumulator register
PC is the 15-bit Program Counter register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B
is the 8-bit address register and can be auto incre-
mented or decremented.
X
is the 8-bit alternate address register and can be auto
incremented or decremented.
SP is the 8-bit stack pointer which points to the subroutine
stack (in RAM).
B, X and SP registers are mapped into the on chip RAM. The
B and X registers are used to address the on chip RAM. The
SP register is used to address the stack in RAM during sub-
routine calls and returns. The SP must be preset by software
upon initialization.
Memory
The memory is separated into two memory spaces: program
and data.
PROGRAM MEMORY
Program memory consists of 1024 x 8 ROM or 2048 x 8
ROM. These bytes of ROM may be instructions or constant
data. The memory is addressed by the 15-bit program
counter (PC). ROM can be indirectly read by the LAID in-
struction for table lookup.
DATA MEMORY
The data memory address space includes on chip RAM, I/O
and registers. Data memory is addressed directly by the in-
struction or indirectly through B, X and SP registers. The de-
vice has 64 or 128 bytes of RAM. Sixteen bytes of RAM are
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com