Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP820 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 7Page - National Semiconductor (TI) COP820 Datasheet HTML 8Page - National Semiconductor (TI) COP820 Datasheet HTML 9Page - National Semiconductor (TI) COP820 Datasheet HTML 10Page - National Semiconductor (TI) COP820 Datasheet HTML 11Page - National Semiconductor (TI) COP820 Datasheet HTML 12Page - National Semiconductor (TI) COP820 Datasheet HTML 13Page - National Semiconductor (TI) COP820 Datasheet HTML 14Page - National Semiconductor (TI) COP820 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Memory (Continued)
mapped as “registers”, these can be loaded immediately,
decremented and tested. Three specific registers: X, B, and
SP are mapped into this space, the other registers are avail-
able for general usage.
Any bit of data memory can be directly set, reset or tested.
All I/O and registers (except A and PC) are memory mapped;
therefore, I/O bits and register bits can be directly and indi-
vidually set, reset and tested, except the write once only bit
(WDREN, WATCHDOG Reset Enable), and the unused and
read only bits in CNTRL2 and WDREG registers.
Note: RAM contents are undefined upon power-up.
Reset
EXTERNAL RESET
The RESET input pin when pulled low initializes the
micro-controller. The user must insure that the RESET pin is
held low until V
CC is within the specified voltage range and
the clock is stabilized. An R/C circuit with a delay 5x greater
than the power supply rise time is recommended (
Figure 4).
The device immediately goes into reset state when the RE-
SET input goes low. When the RESET pin goes high the de-
vice comes out of reset state synchronously. The device will
be running within two instruction cycles of the RESET pin go-
ing high. The following actions occur upon reset:
Port L
TRI-STATE
Port G
TRI-STATE
Port D
HIGH
PC
CLEARED
RAM Contents
RANDOM with Power-On-
Reset
UNAFFECTED with external
Reset (power already applied)
B, X, SP
Same as RAM
PSW, CNTRL1,
CNTRL2
and WDREG Reg.
CLEARED
Multi-Input Wakeup
Reg.
WKEDG, WKEN
CLEARED
WKPND
UNKNOWN
Data and Configuration
Registers forL&G
CLEARED
WATCHDOG Timer
Prescaler/Counter each
loaded with FF
The device comes out of the HALT mode when the RESET
pin is pulled low. In this case, the user has to ensure that the
RESET signal is low long enough to allow the oscillator to re-
start. An internal 256 t
c delay is normally used in conjunction
with the two pin crystal oscillator. When the device comes
out of the HALT mode through Multi-Input Wakeup, this de-
lay allows the oscillator to stabilize.
The following additional actions occur after the device
comes out of the HALT mode through the RESET pin.
If a two pin crystal/resonator oscillator is being used:
RAM Contents
UNCHANGED
Timer T1 and A Contents
UNKNOWN
WATCHDOG Timer Prescaler/Counter
ALTERED
If the external or RC Clock option is being used:
RAM Contents
UNCHANGED
Timer T1 and A Contents
UNCHANGED
WATCHDOG Timer Prescaler/Counter
ALTERED
The external RESET takes priority over the Brown Out Re-
set.
Note: If the RESET pin is pulled low while Brown Out occurs (Brown Out cir-
cuit has detected Brown Out condition), the external reset will not oc-
cur until the Brown Out condition is removed. External reset has prior-
ity only if VCC is greater than the Brown Out voltage.
WATCHDOG RESET
With WATCHDOG enabled, the WATCHDOG logic resets
the device if the user program does not service the WATCH-
DOG timer within the selected service window. The WATCH-
DOG reset does not disable the WATCHDOG. Upon
WATCHDOG reset, the WATCHDOG Prescaler and Counter
are each initialized with FF Hex.
The following actions occur upon WATCHDOG reset that are
different from external reset.
WDREN
WATCHDOG Reset Enable bit
UNCHANGED
WDUDFWATCHDOG Underflow bitUNCHANGED
Additional initialization actions that occur as a result of
WATCHDOG reset are as follows:
Port L
TRI-STATE
Port G
TRI-STATE
Port D
HIGH
PC
CLEARED
RAM Contents
UNCHANGED/RANDOM
B, X, SP
UNCHANGED
PSW, CNTRL1 and
CNTRL2 (except WDUDF
Bit) Registers
CLEARED
Multi-Input Wakeup
Registers
WKEDG, WKEN
CLEARED
WKPND
UNKNOWN
Data and Configuration
Registers forL&G
CLEARED
WATCHDOG Timer
Prescalar/Counter
each loaded with FF
DS011208-51
RC > 5 x Power Supply Rise Time
FIGURE 4. Recommended Reset Circuit
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com