Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 2 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 2 Page - LEM

  CTSR Datasheet HTML 1Page - LEM CTSR Datasheet HTML 2Page - LEM CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Supply voltage
U
C
V
7
Primary conductor temperature
T
B
°C
110
Overload capability (100 µs, 500 A/µs)
Î
P
A
3300
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may
degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 3
Standards
● CSA C22.2 NO. 14-10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01
● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2010/04/15
Ratings
Parameter
Symbol
Unit
Value Version P
Value Version TP
Primary involved potential*
V AC/DC
600
1000
Max surrounding air temperature
T
A
°C
105
Primary current
I
P
A
According to series primary currents
Secondary supply voltage
U
C
V DC
7
Output voltage
V
out
V
0 to 7
* Enviromental: For use in Pollution degree 3.
Conditions of acceptability
When installed in the end-use equipment, consideration shall be given to the following:
1 - A suitable enclosure shall be provided in the end-use application.
2 - The insulation between the primary and the secondary sensing circuits were evaluated with 4250 V AC for CTSR 0.6-TP/
SP and 2200 V AC for CTSR 0.6-P in dielectric voltage withstand test.
5 - CTSR series is intended to be mounted on the printed wiring board of the end-use equipment.
7 - The uninsulated live parts of primary feeder and secondary circuit clearance spacing of Model CTSR XX-P series shall
maintain at least 5.5 mm apart.
8 - Primary feeder of the devices shall be connected after an overvoltage device or system which has been evaluated by the
Standard for Transient Voltage Surge Suppressors, UL 1449.
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL's
Follow-Up Service. Always look for the Mark on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com