Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 9 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 9 Page - LEM

Back Button CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM CTSR Datasheet HTML 10Page - LEM CTSR Datasheet HTML 11Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Primary nominal residual current and primary nominal current
The primary nominal residual current is the sum of the instantaneous values of all currents flowing through the aperture of the
transducer.
The primary nominal current is the current flowing through any conductor placed into the aperture of the transducer.
The presence of a primary nominal current DC or AC leads to an additional uncertainty.
For example, with a primary nominal current of 30 A the uncertainty referred to primary is typical 4.3 mA.
CTSR transducer in Test mode
When the V
ref pin is forced at a low level voltage between 0 and 1 V and is maintained at this level, the output voltage Vout of CTSR
transducer exhibits a fixed value (see specification) as if it measured a primary test current.
The activation time of test mode is min 30 ms. The CTSR transducer can be maintained in test mode as long as needed for
checking that it is fully operating.
CTSR transducer in Degauss mode
The CTSR transducers go in degauss mode automatically at each power on or on demand by using the V
ref pin.
At power on:
A degauss is automatically generated at each power on of the CTSR transducer; during degaussing the output voltage V
out is
maintained at 0.3 V typ. (max 0.5 V). After c.a. 110 ms, the output voltage V
out is released and takes the normal operation level in
relation with the measured primary current.
Using V
ref pin:
When the pin V
ref is released from the Low level voltage defined in the Test mode above, there is a rising edge on Vref which
generates an automatic degauss.
The activation of degauss takes typically 40 µs after releasing V
ref pin, then degauss lasts typically 110 ms.
Isolation around the CTSR transducer housing
Due to the joint between the case and the cover of the CTSR transducer, there is some isolation distance to respect when primary
conductors pass around the CTSR housing.
The figure below shows the joint and the apertures where the clearance between the secondary part inside the CTSR transducer
and the surface of the housing is 3 mm (label E).
Vref
V
out referred to Vref
1 V
30 ms
Measured IPR
Measured IPR
0.7 V (0.3-P) or
0.4 V (0.6-P)
1.7 V (0.3-P) or
1.1 V (0.6-P)
110 ms
-2 V
Test mode
Degauss mode
-2.5 V
Summary of test and degauss modes at Vref = 2.5 V
2.5 V
Measuring
Measuring



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com