Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 1 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 1 Page - LEM

  CTSR Datasheet HTML 1Page - LEM CTSR Datasheet HTML 2Page - LEM CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer CTSR series
I
PRN = 300, 600 mA
Ref: CTSR 0.3-P, CTSR 0.6-P
N°97.G9.A2.000.0, N°97.G9.G6.000.0
For the electronic measurement of current: DC, AC, pulsed..., with galvanic separation between
the primary circuit and the secondary circuit.
Features
● Closed loop (compensated) current transducer
● Voltage output
● Single supply voltage
● PCB mounting.
Advantages
● High accuracy
● Very low offset drift over temperature
● Wide aperture
● High overload capability
● High insulation capability
● Reference pin with two modes, Ref In and Ref Out
● Degauss and test functions.
Applications
● Residual current measurement
● Leakage current measurement in transformerless PV
inverters
● First human contact protection of PV arrays
● Failure detection in power sources
● Symmetrical fault detection (e.g. after motor inverter)
● Leakage current detection in stacked DC sources
● Single phase or three phase nominal current measurement
up to ± 30 A per wire (DC or AC).
Standards
● EN 50178: 1997
● IEC 61010-1: 2010
● UL 508: 2010.
Application Domain
● Industrial
● Suitable to fulfil VDE 0126-1-1 and UL 1741.


Similar Part No. - CTSR

ManufacturerPart #DatasheetDescription
logo
LEM
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
Current Transducer CTSR series
CTSR0.6-TP-SP2 LEM-CTSR0.6-TP-SP2 Datasheet
849Kb / 10P
Current Transducer
logo
Central Technologies
CTSR0604F CT-CTSR0604F Datasheet
393Kb / 1P
Power Inductors - Shielded
REV 06.08.10
CTSR0604F-100M CT-CTSR0604F-100M Datasheet
393Kb / 1P
Power Inductors - Shielded
REV 06.08.10
CTSR0604F-101K CT-CTSR0604F-101K Datasheet
393Kb / 1P
Power Inductors - Shielded
REV 06.08.10
More results

Similar Description - CTSR

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com