Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 8 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 8 Page - LEM

Back Button CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM CTSR Datasheet HTML 10Page - LEM CTSR Datasheet HTML 11Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Page 8/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Application information
Filtering, decoupling CTSR transducer
Supply voltage U
c (5 V):
The CTSR transducers have internal decoupling capacitors, but in the case of a power supply track on the application PCB having
a high impedance, it is advised to provide local decoupling, 100 nF or more, located close to the transducer.
Reference V
ref
Ripple present on the V
ref pin can be filtered with a low value of capacitance because of the internal 499 ohm series resistance.
The CTSR transducers have an internal capacitor of 22 nF between V
ref pin and Gnd pin and the maximum filter capacitance value
which could be added is 1 µF. Adding a larger decoupling capacitor will increase the activation delay of degauss.
Output V
out
The CTSR transducers have an internal low pass filter 470 ohm/22 nF; if a decoupling capacitor is added on V
out pin, the bandwidth
and the response time will be affected. In case of short circuit, the transducer CTSR can source or sink up to a maximum of 10
mA on its output V
out.
Using an external reference voltage
If the V
ref pin of the transducer is not used it could be either left unconnected or filtered according to the previous paragraph
“Reference V
ref”.
The V
ref pin has two modes Ref out and Ref In:
• In the Ref out mode the 2.5 V internal precision reference is used by the transducer as the reference point for bipolar
measurements; this internal reference is connected to the V
ref pin of the transducer through a 499 ohms resistor. It
tolerates sink or source currents up to ± 5 mA, but the 499 ohms resistor prevents this current to exceed these limits.
• In the Ref In mode, an external reference voltage is connected to the V
ref pin; this voltage is specified in the range 2.3
to 4 V and is directly used by the transducer as the reference point for measurements. The external reference voltage
V
ref must be able:
o either to source a typical current of
, the maximum value will be 3 mA when V
ref = 4 V.
o or to sink a typical current of
, the maximum value will be 0.4 mA when V
ref = 2.3 V.
The following graphs show how the measuring range of the transducer depends on the external reference voltage value V
ref
(U
c = 5 V).
Upper limit: I
P= 500 mA
(V
ref = 2.3 .. 2.625 V)
Upper limit: I
P= 850 mA
(V
ref = 2.3 .. 2.52 V)
Upper limit: I
P= -250*Vref+1156.25
(V
ref = 2.625 .. 4 V)
Upper limit: I
P= -403.88*Vref+1867.93 (Vref = 2.52 .. 4 V)
Lower limit: I
P= -250*Vref+93.75
(V
ref= 2.3 .. 2.375 V)
Lower limit: I
P= -403.88*Vref+151.45
(V
ref = 2.3 .. 2.48 V)
Lower limit: I
P= -500 mA
(V
ref = 2.375 .. 4 V)
Lower limit: I
P= -850 mA
(V
ref = 2.48 .. 4 V)
499
5
.
2
−
Vref
499
5
.
2
Vref
−
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
2
3
4
Vref (V)
I
PRM 850 mA
-600
-400
-200
0
200
400
600
2
3
4
Vref (V)
I
PRM 500 mA
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
2
3
4
Vref (V)
I
PRM 850 mA
-600
-400
-200
0
200
400
600
2
3
4
Vref (V)
I
PRM 500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com