Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 3 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 3 Page - LEM

  CTSR Datasheet HTML 1Page - LEM CTSR Datasheet HTML 2Page - LEM CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
5.4
Impulse withstand voltage 1.2/50 µs
Û
W
kV
10.1
Partial discharge extinction rms voltage @ 10 pC
U
e
kV
1.65
Clearance (pri. - sec.)
d
CI
mm
11
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
11
Shortest path along device
body
Comparative tracking index
CTI
V
600
Application example
-
V
1000
Reinforced insulation, CAT
III, PD2 non uniform field
according to EN 50178
Application example
-
V
600
Reinforced insulation, CAT
III, PD3 non uniform field
according to EN 50178,
IEC 61010
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
-40
105
Ambient storage temperature
T
S
°C
-50
105
Mass
m
g
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com