Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 7 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 7 Page - LEM

Back Button CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM CTSR Datasheet HTML 10Page - LEM CTSR Datasheet HTML 11Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 7/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Typical performance characteristics CTSR 0.6-P
Figure 6: Frequency response
Figure 7: Output noise voltage spectral density
Figure 8: Output noise, cumulated rms
Figure 9: Typical step response
Figure 10: Typical step response
Frequency (Hz)
10
0
10
1
10
2
10
3
10
4
10
5
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
f (Hz)
Noise voltage spectral density of VM
Device: CTSR 0.6-P #05-61
10
0
10
1
10
2
10
3
10
4
10
5
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
fc (Hz)
Cumulated RMS noise voltage of VM
Device: CTSR 0.6-P #05-61



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com