Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSR Datasheet(PDF) 4 Page - LEM

Part # CTSR
Description  Current Transducer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CTSR Datasheet(HTML) 4 Page - LEM

  CTSR Datasheet HTML 1Page - LEM CTSR Datasheet HTML 2Page - LEM CTSR Datasheet HTML 3Page - LEM CTSR Datasheet HTML 4Page - LEM CTSR Datasheet HTML 5Page - LEM CTSR Datasheet HTML 6Page - LEM CTSR Datasheet HTML 7Page - LEM CTSR Datasheet HTML 8Page - LEM CTSR Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4/11
28January2014/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CTSR Series
Electrical data CTSR 0.3-P
At T
A = 25 °C, UC = + 5 V, output voltage referred to Vref, unless otherwise noted (see Min., Max., typical definition paragraph) in
page 10.
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal residual rms current
I
PRN
mA
300
Primary residual current, measuring range
I
PRM
mA
-500
500
Supply voltage
U
C
V
4.75
5
5.25
Current consumption
I
C
mA
17.5
21.6
+ I
P (mA)/NS
With N
S = 1000 turns
- 40 .. 105 °C
Output voltage referred to GND
(during Degauss cycle)
V
out
V
0.3
0.5
Note 1)
Output voltage referred to V
ref
(test current)
V
out
V
0.7
1.2
1.7
Note 1)
Reference voltage @ I
P = 0
V
ref
V
2.495
2.5
2.505
Internal reference
External reference voltage
V
ref
V
2.3
4
Internal reference of
V
ref input = 499 Ω
Note 1)
Electrical offset current
referred to primary (Note 2))
I
OE
mA
-24
7
24
Temperature coefficient of V
ref @ IP = 0
TCV
ref
ppm/K
±50
- 40 .. 105 °C
Temperature coefficient of V
OE @ IP = 0
TCV
OE
ppm/K
±570
ppm/K of 2.5 V
- 40 .. 105 °C
Theoretical sensitivity
G
th
V/A
4
Sensitivity error (Note 2))
ε
G
%
-1.6
0.5
1.6
R
L > 500 kΩ
Temperature coefficient of G
TCG
ppm/K
±230
- 40 .. 85 °C
±400
- 40 .. 105 °C
Linearity error
ε
L
% of I
PRM
0.5
1
Magnetic offset current (1000 x I
PRN)
referred to primary
I
OM
mA
17
Output rms noise voltage (spectral
density) 1 .. 10 kHz referred to primary
V
no
mV
6
R
L > 500 kΩ
Reaction time @ 10 % of I
PRN
t
ra
µs
7
R
L > 500 kΩ,
di/dt > 5 A/µs
Step response time to 90 % of I
PN
t
r
µs
50
R
L > 500 kΩ,
di/dt > 5 A/µs
Frequency bandwidth (- 1 dB)
BW
kHz
3.5
R
L > 500 kΩ
Accuracy (Note 3))
X
%
1.9
= (ε
G
2
+ ε
L
2
)1/2
Notes:
1)
See “Application information” section.
2)
Only with a primary nominal residual current, see paragraph “Primary nominal residual current and primary nominal
current”.
3)
Accuracy @ T
A and IP: XTA = (X
2
+ (TCG•100•(T
A - 25))
2
+ (TCV
OE•2.5•(TA - 25 )/Gth•100/ IP )
2
)1/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com