Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 50Page - National Semiconductor (TI) PC87417 Datasheet HTML 51Page - National Semiconductor (TI) PC87417 Datasheet HTML 52Page - National Semiconductor (TI) PC87417 Datasheet HTML 53Page - National Semiconductor (TI) PC87417 Datasheet HTML 54Page - National Semiconductor (TI) PC87417 Datasheet HTML 55Page - National Semiconductor (TI) PC87417 Datasheet HTML 56Page - National Semiconductor (TI) PC87417 Datasheet HTML 57Page - National Semiconductor (TI) PC87417 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
54
Revision1.2
3.7.7
ServerI/O Configuration 6 Register (SIOCF6)
This register provides a fast way to disable one or more modules, without having to access the Activate register of each (see
Section 3.3.1 on page 43).
Power Well:VSB
Location:Index 26h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCKFDS
General-Purpose
Scratch
Reserved
SER1DIS
SER2DIS
PARPDIS
FDCDIS
Reset
0
0
0
00000
Bit
Type
Description
7
R/W1S LOCKFDS (Lock Fast Disable Configuration). When set to 1, this bit locks itself, the SER1DIS,
SER2DIS, PARPDIS and FDCDIS bits in this register and the GLOBEN bit in the SIOCF1 register by
disabling writing to all these bits. Once set, this bit can be cleared either by VDD Power-Up reset (or
Hardware reset) or by VSB Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register
(see Section 6.3.4 on page 128). In addition, this bit is cleared by setting the UNLOCKF bit in the
ACBLKCTL register (PC87413 and PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-5
R/W
General-Purpose Scratch.
4-
Reserved.
3
R/W or
RO
SER1DIS (Serial Port 1 Disable). When set to 1, this bit forces the Serial Port 1 module to be disabled
(and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
2
R/W or
RO
SER2DIS (Serial Port 2 Disable). When set to 1, this bit forces the Serial Port 2 module to be disabled
(and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
1
R/W or
RO
PARPDIS (Parallel Port Disable). When set to 1, this bit forces the Parallel Port module to be disabled
(and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
0
R/W or
RO
FDCDIS (Floppy Disk Controller Disable). When set to 1, this bit forces the Floppy Disk Controller
module to be disabled (and its resources released) regardless of the actual setting of its Activation bit
(index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com