Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 69Page - National Semiconductor (TI) PC87417 Datasheet HTML 70Page - National Semiconductor (TI) PC87417 Datasheet HTML 71Page - National Semiconductor (TI) PC87417 Datasheet HTML 72Page - National Semiconductor (TI) PC87417 Datasheet HTML 73Page - National Semiconductor (TI) PC87417 Datasheet HTML 74Page - National Semiconductor (TI) PC87417 Datasheet HTML 75Page - National Semiconductor (TI) PC87417 Datasheet HTML 76Page - National Semiconductor (TI) PC87417 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
73
www.national.com
Table 26. Reset Values for PUPCTL Bit
Bit
Type
Description
7-
Reserved (note that for Ports 0, 2, 3, 5, and 6, bits 7-4 are reserved).
6-
R/W
Reserved for Ports 0, 2, 3, 5, and 6.
For Ports 1 and 4: EVDBNC (Event Debounce Enable). This bit enables the debounce circuit in the
event input path of the selected GPIO pin. The event is detected after a predetermined debouncing
period of time (see Section 7.3 on page 137).
0: Disabled
1: Enabled (default)
5-
R/W
Reserved for Ports 0, 2, 3, 5, and 6.
For Ports 1 and 4: EVPOL (Event Polarity). This bit defines the polarity of the wake-up signal that
issues an event from the selected GPIO pin (see Section 7.3 on page 137).
0: Falling edge or low level input (default)
1: Rising edge or high level input
4-
R/W
Reserved for Ports 0, 2, 3, 5, and 6.
For Ports 1 and 4: EVTYPE (Event Type). This bit defines the type of the wake-up signal that issues
an event from the selected GPIO pin (see Section 7.3 on page 137).
0: Edge input (default)
1: Level input
3
R/W1S LOCKCFP (Lock Configuration of Pin). When set to 1, this bit locks the GPIO pin configuration and
data (see also Section 7.4 on page 139) by disabling writing to itself, to GPCFG1 register bits PUPCTL,
OUTTYPE and OUTENA, to all the bits of the GPCFG2 register and to the corresponding bit in the
GPDO register. Once set, this bit can be cleared by VDD Power-Up reset (or Hardware reset) or by VSB
Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register (see Section 6.3.4 on
page 128). In addition, this bit is cleared by setting the UNLOCKG bit in the ACBLKCTL register
(PC87413 and PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
2
R/W or
RO
PUPCTL (Pull-Up Control). This bit controls the internal pull-up resistor of the selected GPIO pin (see
Section 7.2 on page 136).
0: Disabled (for default value, see Table 26)
1: Enabled (for default value, see Table 26)
1
R/W or
RO
OUTTYPE (Output Type). This bit controls the output buffer type of the selected GPIO pin (see Section
7.2 on page 136).
0: Open-drain (default)
1: Push-pull
0
R/W or
RO
OUTENA (Output Enable). This bit controls the output buffer of the selected GPIO pin (see Section 7.2
on page 136).
0: TRI-STATE (default)
1: Output buffer enabled
GP(I)O(E)nn
00-07,10-17
20,21
22-25
26,27,30-37,40-42
43-47,50
51-53
54,55,60-63
641
1. The pull-up resistor is disabled during VSB Power-Up reset.
PUPCTL
0
1
0
1
0
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com