Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 76Page - National Semiconductor (TI) PC87417 Datasheet HTML 77Page - National Semiconductor (TI) PC87417 Datasheet HTML 78Page - National Semiconductor (TI) PC87417 Datasheet HTML 79Page - National Semiconductor (TI) PC87417 Datasheet HTML 80Page - National Semiconductor (TI) PC87417 Datasheet HTML 81Page - National Semiconductor (TI) PC87417 Datasheet HTML 82Page - National Semiconductor (TI) PC87417 Datasheet HTML 83Page - National Semiconductor (TI) PC87417 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
80
Revision1.2
3.15.6
X-Bus I/O Base Address 1 Low Byte Register (XIOBA1L)
This register describes the low byte of the Base Address for User-Defined I/O zone blocks 0 and 1, which are mapped to
the X-Bus. This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F2h
Type:
R/W or RO
3.15.7
X-Bus I/O Size 1 Configuration Register (XIOSIZE1)
This register defines the size of User-Defined I/O zone blocks 0 and 1, which are mapped to the X-Bus. The two blocks are
contiguous and both have the same size. The User-Defined I/O Zone 1 address does not depend on Zone 0 being enabled.
This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F3h
Type:
R/W or RO
Bit
Description
7-0
IOBA1H (I/O User-Defined Zone Base Address 1 High). Defines the upper eight bits of the user-defined I/O
blocks 0 and 1 base address. The base address must be aligned on the selected block size.
Bit
76543210
Name
IOBA1L
Reset
00000000
Bit
Description
7-0
IOBA1L (I/O User-Defined Zone Base Address 1 Low). Defines the lower eight bits of the user-defined I/O
blocks 0 and 1 base address. The base address must be aligned on the selected block size.
Bit
76543210
Name
Reserved
IOSIZE1
Reset
00000000
Bit
Description
7-4
Reserved.
3-0
IOSIZE1 (User-Defined I/O Zone Size 1). Defines the size in bytes of the zone window. The size is defined as
a power of two using the equation: NumOfBytes = 2n (where n = the value of the IOSIZE1 field). The zone must
always be aligned to the window size (i.e., for a 128-byte window, the seven LSBs of the base address are zero).
Bits
3 2 1 0
Size (Bytes)
0000:
1 (20 - default)
...
1 0 0 0:
256 (28)
Other:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com