Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 72Page - National Semiconductor (TI) PC87417 Datasheet HTML 73Page - National Semiconductor (TI) PC87417 Datasheet HTML 74Page - National Semiconductor (TI) PC87417 Datasheet HTML 75Page - National Semiconductor (TI) PC87417 Datasheet HTML 76Page - National Semiconductor (TI) PC87417 Datasheet HTML 77Page - National Semiconductor (TI) PC87417 Datasheet HTML 78Page - National Semiconductor (TI) PC87417 Datasheet HTML 79Page - National Semiconductor (TI) PC87417 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
76
Revision1.2
These decoded I/O zones are determined by the following seven registers: X-Bus I/O Configuration, X-Bus I/O Zone Base
Address 1/2 High and Low Byte and X-Bus I/O Size 1/2 Configuration. When a zone is enabled but is not associated with
any XCS0-3 select signal in the X-Bus Interface, the X-Bus does not respond to LPC transactions accessing that zone.
The I/O Address Map Lock bit (LOCKIOMP) in XIOCNF register enables protecting the contents of the I/O mapping by pre-
venting modifications to them that would cause access rights violation through aliasing.
Figure 7 illustrates the mapping of the User-Defined I/O zones to the host I/O space. The order between Base Address 1
and 2 is an example only and may be reversed.
3.15.3
X-Bus Memory Range Programming
LPC memory transactions or LPC-FWH transactions can be forwarded to the X-Bus Extension of the PC8741x device.
X-Bus Memory Configuration Register 1 defines the address space to which the device responds. The XCNF2 strap input
controls the default setting of the XMEMCNF1 register to enable booting from memories connected on the X-Bus. Two mem-
ory areas may be individually enabled: a user-defined zone and a BIOS memory zone (either BIOS-LPC, or BIOS-FWH
spaces).
To enable BIOS support, set the XCNF2 strap input to select the BIOS mode (see Section 1.4.11 on page 29 for details).
The PC8741x devices respond to LPC memory read and write transactions to/from the BIOS address spaces (see Table 28)
as long as the BIOLPCEN bit of XMEMCNF1 register is set (see Section 3.15.11 on page 83).
Table 28. BIOS-LPC Memory Space Definition
The PC8741x devices respond to LPC-FWH read transactions from the high memory address range (’386’ mode BIOS
range), shown in Table 28, as long as BIOFWHEN = 1 in the XMEMCNF1 register.
Memory Address Range
Description
000E 0000h - 000E FFFFh
Extended BIOS Range (Legacy)
Only when BIOEXTEN = 1 in XMEMCNF1 register
000F 0000h - 000F FFFFh
BIOS Range (Legacy)
FFFC 0000h - FFFF FFFFh
FFF8 0000h - FFFF FFFFh
FFF0 0000h - FFFF FFFFh
FFE0 0000h - FFFF FFFFh
FFC0 0000h - FFFF FFFFh
FF80 0000h - FFFF FFFFh
FF00 0000h - FFFF FFFFh
FE00 0000h - FFFF FFFFh
386 mode BIOS Range.
This is the upper 256 Kbytes to 32 Mbytes of the memory
space, depending on the setting of BIOSIZE and SEL2BIOS
in XMEMCNF2 (see Section 3.15.12 on page 84).
Figure 7. User-Defined I/O Block Mapping
Host I/O Space
0000h
FFFFh
Base Address 1 (High, Low)
Base Address 2 (High, Low)
Zone Size 1
Zone Size 1
User-Defined I/O Zone 2 (UDIZ2)
User-Defined I/O Zone 3 (UDIZ3)
User-Defined I/O Zone 0 (UDIZ0)
User-Defined I/O Zone 1 (UDIZ1)
Zone Size 2
Zone Size 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com