Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 53Page - National Semiconductor (TI) PC87417 Datasheet HTML 54Page - National Semiconductor (TI) PC87417 Datasheet HTML 55Page - National Semiconductor (TI) PC87417 Datasheet HTML 56Page - National Semiconductor (TI) PC87417 Datasheet HTML 57Page - National Semiconductor (TI) PC87417 Datasheet HTML 58Page - National Semiconductor (TI) PC87417 Datasheet HTML 59Page - National Semiconductor (TI) PC87417 Datasheet HTML 60Page - National Semiconductor (TI) PC87417 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
57
www.national.com
3.7.11
ACCESS.bus Configuration (ACBCF) Register
This register is relevant only for the PC87413 and PC87417. In the PC87414 and PC87416, all bits are held at their
default value.
This register may be written only once. All eight bits must be updated in a single write operation, after which the data in the
register becomes read only. The register is cleared and the write-lock released only by VPP Power-Up reset.
Power Well:VPP
Location:Index 2Ah
Type:
R/W or RO
Bit
76
5
43210
Name
ACBPUEN
ACBSADD
Reset
0
0
0
00000
Bit
Description
7
ACBPUEN (ACCESS.bus Signals Pull-Up Enable). This bit controls the internal pull-up resistors connected to
the ACBCLK and ACBDAT signals (see Section 1.5 on page 30).
0: Disconnected (default)
1: Connected
6-0
ACBSADD (ACCESS.bus Slave Address). This field defines the slave address on the ACCESS.bus for the
PC8741x devices. This address, once programmed by the host, is preserved as long as the VPP power is active
(VSB or VBAT). The 7-bit slave address is used to access the PC8741x devices (see Section 6.2.6 on page 119).
A non-zero value read from this field indicates that ACBSADD contains a valid slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com