Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 90Page - National Semiconductor (TI) PC87417 Datasheet HTML 91Page - National Semiconductor (TI) PC87417 Datasheet HTML 92Page - National Semiconductor (TI) PC87417 Datasheet HTML 93Page - National Semiconductor (TI) PC87417 Datasheet HTML 94Page - National Semiconductor (TI) PC87417 Datasheet HTML 95Page - National Semiconductor (TI) PC87417 Datasheet HTML 96Page - National Semiconductor (TI) PC87417 Datasheet HTML 97Page - National Semiconductor (TI) PC87417 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
94
Revision1.2
Memory Transactions. The 32-bit address received from the LPC bus is used to decode the different memory zones de-
scribed in Section 3.15.3 on page 76. The address is then translated to the X-Bus address, using the following rules:
q
User-Defined Memory Zones (MEM 0 and MEM 1) and 386 Mode-Compatible BIOS Range: The 28 least significant
address lines of the LPC address are used as the X-Bus input address. Figure 13 illustrates the mapping for this
zone.
q
Legacy and Extended Legacy BIOS Range: The 17 least significant address lines (A16-0) of the LPC address are
routed as the 17 least significant address signals of the X-Bus (XA16-0). The upper 11 X-Bus address lines are driv-
en to ‘1’. This shifts the addresses to the top of the X-Bus memory space (see Figure 14).
Figure 13. LPC-to-X-Bus Address Translation: 386 Mode-Compatible BIOS Range
Figure 14. LPC-to-X-Bus Address Translation: Legacy and Extended Legacy BIOS Ranges
LPC Bus Address
FFFF FFFFh
xFFF FFFFh
X-Bus Address
FFFC 0000h
xFFC 0000h
0000 0000h
LPC Bus Address
FFFF FFFFh
xFFF FFFFh
X-Bus Address
000F FFFFh
xFFE 0000h
0000 0000h
000F 0000h
000E FFFFh
000E 0000h
Legacy BIOS
Extended
Legacy BIOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com