Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 75Page - National Semiconductor (TI) PC87417 Datasheet HTML 76Page - National Semiconductor (TI) PC87417 Datasheet HTML 77Page - National Semiconductor (TI) PC87417 Datasheet HTML 78Page - National Semiconductor (TI) PC87417 Datasheet HTML 79Page - National Semiconductor (TI) PC87417 Datasheet HTML 80Page - National Semiconductor (TI) PC87417 Datasheet HTML 81Page - National Semiconductor (TI) PC87417 Datasheet HTML 82Page - National Semiconductor (TI) PC87417 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
79
www.national.com
3.15.5
X-Bus I/O Base Address 1 High Byte Register (XIOBA1H)
This register describes the high byte of the Base Address for user-defined I/O zone blocks 0 and 1, which are mapped to
the X-Bus. This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F1
Type:
R/W or RO
Bit
Type
Description
7
RW1L LOCKIOMP (Lock I/O Address Map). When set to 1, this bit locks the configuration of registers
XIOCNF, XIOBA1H, XIOBA1L, XIOSIZE1, XIOBA2H, XIOBA2L and XIOSIZE2 by disabling writing to all
their bits (including to the LOCKIOMP bit itself). Once set, this bit can be cleared either by VDD Power-
Up reset (or Hardware reset) or by VSB Power-Up reset, according to the VSBLOCK bit in the
ACBLKCTL register (see Section 6.3.4 on page 128). In addition, this bit is cleared by setting the
UNLOCKX bit in the ACBLKCTL register (PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-5
-
Reserved.
4
R/W or
RO
TSTADEN (TST Debug Port Address Enable). When set, enables the mapping of I/O address 80h to
the X-Bus space.
0: Disabled (default)
1: Enabled
3
R/W or
RO
UDIOZEN3 (User-Defined I/O Zone Enable 3). This bit enables the mapping of the User-Defined I/O
zone 3 to the X-Bus space. The zone base address and size are defined by the XIOBA2H/XIOBA2L
and XIOSIZE2 registers, respectively.
The base address for this Zone is: (Base Address 2) + (Size 2)
0: Disabled (default)
1: Enabled
2
R/W or
RO
UDIOZEN2 (User-Defined I/O Zone Enable 2). This bit enables the mapping of the User-Defined I/O
zone 2 to the X-Bus space. The zone base address and size are defined by the XIOBA2H/XIOBA2L
and XIOSIZE2 registers, respectively.
The base address for this Zone is: (Base Address 2)
0: Disabled (default)
1: Enabled
1
R/W or
RO
UDIOZEN1 (User-Defined I/O Zone Enable 1). This bit enables the mapping of the User-Defined I/O
zone 1 to the X-Bus space. The zone base address and size are defined by the XIOBA1H/XIOBA1L
and XIOSIZE1 registers, respectively.
The base address for this Zone is: (Base Address 1) + (Size 1)
0: Disabled (default)
1: Enabled
0
R/W or
RO
UDIOZEN0 (User-Defined I/O Zone Enable 0). This bit enables the mapping of the User-Defined I/O
zone 0 to the X-Bus space. The zone base address and size are defined by the XIOBA1H/XIOBA1L
and XIOSIZE1 registers, respectively.
The base address for this Zone is: (Base Address 1)
0: Disabled (default)
1: Enabled
Bit
76543210
Name
IOBA1H
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com