Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87417 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 97Page - National Semiconductor (TI) PC87417 Datasheet HTML 98Page - National Semiconductor (TI) PC87417 Datasheet HTML 99Page - National Semiconductor (TI) PC87417 Datasheet HTML 100Page - National Semiconductor (TI) PC87417 Datasheet HTML 101Page - National Semiconductor (TI) PC87417 Datasheet HTML 102Page - National Semiconductor (TI) PC87417 Datasheet HTML 103Page - National Semiconductor (TI) PC87417 Datasheet HTML 104Page - National Semiconductor (TI) PC87417 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
101
www.national.com
Figure 22. Mode 1, Normal Address X-Bus Transaction - Write Access Cycle
5.2.9
Latched Address Mode X-Bus Transactions
The read and write transactions in Latched Address mode are similar to those used in Normal Address mode except for the
way the addresses are placed on the X-Bus. In Latched Address mode, address signals 27-0 are output using the XA signals
via multiplexing over the data bus (XD7-0). The purpose of Latch control signals XSTB2-0 is to separate the XA signals from
the XD7-0 data bus. The XSTB2-0 signals are active from the time the address signals are valid (and until the end of a trans-
action).
Latched address X-Bus transactions are available at two levels:
q
Standard - standard access time transactions available in mode 0, mode 0 fast, and mode 1.
q
Turbo - low access time transactions available in mode 0 turbo.
Standard Read Transactions. When a read cycle on the LPC falls within any of the enabled X-Bus decoded address rang-
es (or an indirect read is started or an X-Bus read through the ACCESS.bus is started), a read cycle begins. A read cycle
starts by outputting the lower 12 address signals on address signals XA11-0 and by outputting address lines 27-20 on data
signals XD7-0 on the rising edge of the clock. Two CLK cycles later, a strobe signal (XSTB2) is asserted to latch the address
in an external latch. Two CLK cycles later, a second set of address lines (19-12) is placed on data pins XD7-0. These can
be latched by the strobe signal XSTB1 asserted two cycles later on the rising edge of the clock. Two CLK cycles later, the
last group of address lines (11-4) is placed on data signals XD7-0. The XSTB0, asserted two cycles later on the rising edge
of the clock, can be used to latch this part of the address. Two CLK cycles later on the rising edge of the clock, the PC8741x
stops driving the data bus. At this point, all addresses are available either at the address outputs of the PC8741x (XA11-0)
or in the three latches. The system may require only part of these addresses, depending on the size of the memory or pe-
ripheral address space. One CLK cycle later, either a chip-select signal XCSn or the enable signal XRD_XEN is asserted,
based on the XCSn mode setting (where n is a chip-select number from 0 to 3, based on the address accessed and the
select signal mapping). From this point, the read continues as described for the Normal Address mode. XSTB2-0 are de-
asserted one CLK cycle after the de-assertion of XCSn. At this time, the latched address becomes invalid.
CLK
(Internal; for Reference Only)
XD7-0
XA11-0
XCSn
XWR_XRW
XRD_XEN
Insert: 16 + “Programmed Wait States” CLK cycles.
During this time, non-clock signals do not change.
Insert: 8 CLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com