Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 66Page - National Semiconductor (TI) PC87416 Datasheet HTML 67Page - National Semiconductor (TI) PC87416 Datasheet HTML 68Page - National Semiconductor (TI) PC87416 Datasheet HTML 69Page - National Semiconductor (TI) PC87416 Datasheet HTML 70Page - National Semiconductor (TI) PC87416 Datasheet HTML 71Page - National Semiconductor (TI) PC87416 Datasheet HTML 72Page - National Semiconductor (TI) PC87416 Datasheet HTML 73Page - National Semiconductor (TI) PC87416 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
70
Revision1.2
3.14 GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION
3.14.1
General Description
The GPIO functional block includes 51 pins arranged in seven ports:
q
Ports 1 and 4 contain eight GPIOE pins each.
q
Ports 0, 2 and 3 contain eight GPIO pins each.
q
Port 5 contains six GPIO pins.
q
Port 6 contains five GPO pins (see Section 1.4.8 on page 27).
All the pins of Ports 1 and 4 and have full event detection capability (see Section 1.3 on page 20), enabling them to trigger
the assertion of IRQ or SIOSMI signals. In addition, through the SWC functional block, the pins of Ports 1 and 4 can trigger
the SIOSCI, control the ONCTL signal or enable the generation of a pulse in the PWBTOUT signal. The pins of Ports 0-5
are I/O, however the five pins of Port 6 are output only.
All 51 GPIO pins are powered from the VSB well. The 17 runtime registers associated with the seven ports are arranged in
the GPIO address space as shown in Table 24. The GPIO ports with wake-up event detection capability (such as Ports 1
and 4) have four runtime registers; the other ports have only 2. Port 6 contains only GPO pins and therefore has only one
runtime register. The GPIO base address is 32-byte aligned. Address bits 4-0 are used to indicate the register offset.
The specific runtime registers implemented in the PC8741x devices are shown in Table 24. All these registers are VSB pow-
ered.
Table 24. Runtime Registers in GPIO Address Space
Offset
Mnemonic
Register Name
Port Power Well
Type
00h
GPDO0
GPIO Data Out 0
0VSB
R/W
01h
GPDI0
GPIO Data In 0
VSB
RO
02h
GPDO1
GPIO Data Out 1
1VSB
R/W
03h
GPDI1
GPIO Data In 1
VSB
RO
04h
GPEVEN1 GPIO Event Enable 1
VSB
R/W
05h
GPEVST1 GPIO Event Status 1
VSB
R/W1C
06h
GPDO2
GPIO Data Out 2
2VSB
R/W
07h
GPDI2
GPIO Data In 2
VSB
RO
08h
GPDO3
GPIO Data Out 3
3VSB
R/W
09h
GPDI3
GPIO Data In 3
VSB
RO
0Ah
GPDO4
GPIO Data Out 4
4VSB
R/W
0Bh
GPDI4
GPIO Data In 4
VSB
RO
0Ch
GPEVEN4 GPIO Event Enable 4
VSB
R/W
0Dh
GPEVST4 GPIO Event Status 4
VSB
R/W1C
0Eh
GPDO5
GPIO Data Out 5
5VSB
R/W
0Fh
GPDI5
GPIO Data In 5
VSB
RO
10h
GPDO6
GPIO Data Out 6
6VSB
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com