Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 83Page - National Semiconductor (TI) PC87416 Datasheet HTML 84Page - National Semiconductor (TI) PC87416 Datasheet HTML 85Page - National Semiconductor (TI) PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) PC87416 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
87
www.national.com
3.16 REAL TIME CLOCK (RTC) CONFIGURATION
3.16.1
General Description
The RTC provides timekeeping and calendar management capabilities. It uses a 32.768 KHz signal as the basic clock for
timekeeping. The RTC also includes 242 bytes of battery-backed RAM for general-purpose use.
The RTC runtime registers are shown in Section 8.3.2 on page 150. These registers are VPP powered.
3.16.2
Logical Device 10 (RTC) Configuration
Table 30 lists the configuration registers that affect the Real Time Clock. The standard configuration registers (see Section
3.2.3 on page 40) are powered by VDD. The specific configuration registers are powered by VSB.
Table 30. RTC Configuration Registers
Index
RTC Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.3.1 on page 43). When bit 0 is cleared, the runtime
registers of this logical device are not accessible.
R/W
VDD
00h
60h
Standard Base Address MSB register.
R/W
VDD
00h
61h
Standard Base Address LSB register. Bit 0 (for A0) is read only 0b.
R/W
VDD
70h
62h
Extended RAM Base Address MSB register.
R/W
VDD
00h
63h
Extended RAM Base Address LSB register. Bit 0 (for A0) is read only 0b.
R/W
VDD
72h
70h
RTC Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
08h
71h
RTC Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
VDD
00h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h
F0h
RAM Lock Register (RLR).
R/W1S
VSB
00h
F1h
Date-of-Month Alarm Register Offset (DOMAO).
R/W
VSB
00h
F2h
Month Alarm Register Offset (MONAO).
R/W
VSB
00h
F3h
Century Register Offset (CENO).
R/W
VSB
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com